FLM-FW4W-R
AI

The **FLM-FW4W-R** is a specialized electronic component, typically categorized as a **Manual Call Station** or **Fire Alarm Box** used within professional fire detection and alarm systems (often associated with Bosch Security Systems).
Below is a technical breakdown of its electronic parts and specifications.
---
### 1. General Specifications
The FLM-FW4W-R is an addressable manual station designed to interface with a Local Security Network (LSN). It allows for manual triggering of fire alarms.
| Feature | Description |
| :--- | :--- |
| **Type** | Manual Pull Station (Addressable) |
| **Communication** | LSN (Local Security Network) / LSN improved |
| **Wiring** | 4-wire configuration (Power + Data) |
| **Material** | Die-cast aluminum/housing |
| **Operation** | Dual action (usually Push In/Pull Down) |
---
### 2. Electronic Component Breakdown
#### A. The LSN Bus Interface
The "heart" of the device is the internal **Electronic Module (Integrated Circuit)**. Unlike conventional simple switches, this device communicates digitally with a Fire Alarm Control Panel (FACP).
* **Microcontroller:** Manages the unique address of the station.
* **Voltage Regulator:** Converts the LSN bus voltage (typically 15V to 33V DC) to a stable level for internal logic.
#### B. Switching Mechanism
The physical pull action triggers an internal **Micro-switch**.
* When the lever is pulled, the switch changes state (from Open to Closed).
* The electronic module detects this state change and sends a specific "Alarm" data packet to the control panel.
#### C. Addressing Hardware
The "FLM" (Fire Loop Module) series uses addressing to identify the exact location of the trigger.
* **DIP Switches or Rotary Switches:** Located on the internal PCB to manually set the device address (001–254).
* **EEPROM:** Stores the unique serial number and configuration data if electronic addressing is used.
#### D. Visual Indicators (LEDs)
Most versions include a status LED visible through the front or side:
* **Green Blinking:** Normal operation/Polling.
* **Steady Red:** Alarm activated / Acknowledged by the panel.
---
### 3. Connection Terminals
The device utilizes a terminal block for 4-wire connectivity:
| Terminal | Function | Description |
| :--- | :--- | :--- |
| **LSN a1 / b1** | Data Input | Incoming connection from the LSN loop. |
| **LSN a2 / b2** | Data Output | Outgoing connection to the next device in the loop. |
| **Shield/Ground** | EMI Protection | Protects the signal from electromagnetic interference. |
---
### 4. Key Electronic Features
* **Short-Circuit Isolator:** The internal circuitry includes an isolator. If a short circuit occurs on the line, the device can isolate the fault to keep the rest of the loop operational.
* **Low Current Consumption:** Designed to draw minimal current (typically < 1mA) to allow hundreds of devices on a single loop.
* **Dual-Action Logic:** The electronics are programmed to ignore momentary vibrations, requiring a specific physical state change to prevent false positives.
---
- ⤷
How do you set the address on the FLM-FW4W-R using DIP switches?
- ⤷ What is the difference between the 2-wire and 4-wire versions of this module?
- ⤷ Can this device be used on a conventional non-addressable fire panel?