Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • FLM-GW2-R

  • AI
    The **FLM-GW2-R** is an Industrial IoT (IIoT) Gateway, typically used in factory automation and sensor monitoring environments. It serves as a bridge between physical sensors (IO-Link) and high-level network protocols. ### 1. Core Electronic Components The device is built with several critical layers of electronic hardware to ensure reliability in industrial settings. | Component Category | Description | | :--- | :--- | | **Microcontroller (MCU)** | A high-performance industrial-grade processor (often ARM-based) that handles protocol conversion and data logic. | | **Communication Interface** | Dual Ethernet ports (usually RJ45 or M12) supporting protocols like PROFINET, EtherNet/IP, or Modbus TCP. | | **IO-Link Master Chip** | Dedicated circuitry to manage IO-Link communication (Point-to-Point) for smart sensors and actuators. | | **Power Management** | DC-DC converters designed to handle standard 24V DC industrial power with surge protection. | | **Isolation & Protection** | Optocouplers and TVS diodes to protect internal circuits from electromagnetic interference (EMI). | --- ### 2. Functional Ports & Connectivity The electronic layout is divided into "Field Side" and "Network Side" connectivity: * **Network Ports:** Two ports allow for "Daisy Chaining" (Linear topology) without requiring an extra external switch. * **IO-Link Ports:** Typically Class A or Class B ports that provide power and bi-directional data transfer to connected devices. * **LED Status Indicators:** Integrated LEDs for visual diagnostics (Power, Link/Activity, Module Status, and Port Status). --- ### 3. Key Technical Specifications Below are the typical electronic characteristics found in this class of gateway: | Feature | Specification (Typical) | | :--- | :--- | | **Operating Voltage** | 18 V DC to 30 V DC | | **Current Consumption** | ~100mA to 200mA (excluding sensor load) | | **Protection Rating** | IP65 / IP67 (Dust tight and water resistant) | | **Network Protocols** | PROFINET, EtherNet/IP, Modbus TCP | | **IO-Link Version** | V1.1 | --- ### 4. Logic and Software Interface The gateway operates using a "Mapping" logic. It takes the **acyclic** (parameter) and **cyclic** (process) data from electronic sensors and maps them into the memory register of a PLC (Programmable Logic Controller). ```json { "device_type": "Gateway", "interface": "IO-Link to Ethernet", "logic_layers": [ "Physical Layer (C/Q Line)", "Data Link Layer (M-Sequence)", "Application Layer (ISDU/Process Data)" ] } ```
    ✨ Follow-up Questions
    • ⤷What is the difference between Class A and Class B ports on this gateway?
    • ⤷ How do I configure the IP address for the FLM-GW2-R?
    • ⤷ What are the maximum cable lengths supported for the IO-Link connections?