FLM-K0-R
AI

The **FLM-K0-R** is an electronic component primarily associated with **Sensata-Kavlico** pressure sensor series. Specifically, it refers to a specialized **flexible lead-frame** or **termination module** used in industrial and automotive pressure transducers.
Below is a breakdown of its electronic characteristics and technical specifications.
---
## 1. Component Overview
The FLM-K0-R is designed to provide a robust electrical connection between a sensing element (such as a ceramic capacitive or piezoresistive bridge) and the external output pins.
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Sensata Technologies (Kavlico) |
| **Component Type** | Lead-frame / Connector Interface |
| **Primary Application** | P4000 & P1A Pressure Sensor Series |
| **Termination Style** | Flexible Ribbon / Pin Array |
| **RoHS Status** | Compliant (indicated by the 'R' suffix) |
---
## 2. Technical Characteristics
### Electrical Interface
* **Signal Path:** It acts as a bridge for low-voltage differential signals from the sensor diaphragm to the integrated signal conditioner (ASIC).
* **Conductivity:** Uses high-grade copper alloys with gold or tin plating to ensure low contact resistance and prevent oxidation.
* **Pinout:** Usually configured for a 3-wire system (Vcc, Ground, and Vout).
### Mechanical & Material Properties
* **Flexibility:** The "FLM" designation often indicates a **Flexible Lead Module**. This allows the component to absorb mechanical vibrations and thermal expansion without stressing the solder joints.
* **Temperature Stability:** Rated for operation in harsh environments, typically ranging from **-40°C to +125°C**.
* **Mounting:** Integrated into the sensor housing via ultrasonic welding or precision soldering.
---
## 3. Typical System Integration
In a standard pressure sensor assembly, the FLM-K0-R sits between the sensing diaphragm and the external connector (like a Packard or M12 connector).
### Typical Signal Flow:
1. **Sensing Element:** Detects physical pressure and converts it to a micro-voltage.
2. **FLM-K0-R Interface:** Transfers the signal to the internal PCB.
3. **Conditioning (ASIC):** Amplifies and linearizes the signal to a standard 0.5V - 4.5V output.
4. **External Pins:** The final output delivered to the ECU or PLC.
---
## 4. Key Advantages
* **Vibration Resistance:** The flexible nature of the lead-frame prevents "metal fatigue" common in rigid wire connections.
* **Miniaturization:** Its low-profile design allows for the production of compact, small-form-factor sensors.
* **Reliability:** The 'R' version denotes modern environmental compliance, ensuring long-term stability in industrial chemical exposures.
- ⤷
What are the compatible sensor series for the FLM-K0-R?
- ⤷ How does the flexible lead-frame improve sensor longevity compared to rigid pins?
- ⤷ What are the soldering requirements for integrating this part into a custom PCB?