FM-RTFQ1
AI

The **FM-RTFQ1** is a compact, high-performance FM transmitter module designed for telemetry and wireless data transfer. It operates in the 433MHz frequency band (ISM) and is typically paired with the **FM-RRFQ1** receiver.
---
## 1. Technical Specifications
Below are the primary electrical characteristics of the FM-RTFQ1 module:
| Parameter | Specification |
| :--- | :--- |
| **Operating Voltage** | 2.0V to 15V DC |
| **Operating Frequency** | 433.92 MHz |
| **Modulation Type** | FSK (Frequency Shift Keying) |
| **Output Power** | +5dBm (approx. 3mW) |
| **Data Rate** | Up to 9.6 Kbps |
| **Interface** | TTL / CMOS Compatible |
| **Operating Temp** | -25°C to +80°C |
---
## 2. Key Internal Components & Architecture
The module is built using **Surface Mount Technology (SMT)** on a ceramic substrate, which ensures high stability and low frequency drift.
### A. Frequency Synthesis
* **SAW Resonator:** It utilizes a Surface Acoustic Wave (SAW) resonator to lock the frequency. This makes it much more stable than LC-based transmitters, preventing frequency shifts due to temperature or handling.
* **Crystal-less Design:** Because it uses a SAW filter, it achieves a small footprint while maintaining high spectral purity.
### B. Modulation Circuitry
* **FSK Modulator:** Unlike cheaper ASK (Amplitude Shift Keying) modules, the FM-RTFQ1 uses Frequency Shift Keying. This makes the signal significantly more resistant to electrical noise (EMI) and atmospheric interference.
* **Buffer Stage:** An internal buffer decouples the oscillator from the antenna, ensuring that the frequency remains stable even if the antenna is touched or moved.
---
## 3. Pin Configuration
The module typically features a 4-pin or SIL (Single In-Line) package:
| Pin Number | Name | Description |
| :--- | :--- | :--- |
| 1 | **ANT** | External Antenna connection (approx. 15.5cm wire) |
| 2 | **GND** | Common Ground |
| 3 | **Data In** | Digital input from Microcontroller (TTL level) |
| 4 | **VCC** | Positive Supply Voltage |
---
## 4. Design Considerations
When integrating the FM-RTFQ1 into an electronic circuit, keep the following in mind:
1. **Supply Decoupling:** Use a 100nF ceramic capacitor close to the VCC/GND pins to filter out noise from the power supply.
2. **Antenna:** A simple 1/4 wave whip antenna (solid copper wire) is usually sufficient. Avoid routing the antenna near high-speed digital lines.
3. **Data Encoding:** While the module can handle raw serial data, it is best used with an encoder (like the **HT12E**) or a microcontroller running Manchester encoding to ensure DC balance in the FSK signal.
---
- ⤷
What are the differences between FSK and ASK modulation in wireless modules?
- ⤷ How do I calculate the optimal antenna length for 433MHz?
- ⤷ Can I use the FM-RTFQ1 with an Arduino or ESP32?