Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • FMBC-R91F-7512

  • AI
    The **FMBC-R91F-7512** is a high-performance, 3-phase line filter manufactured by **Schaffner**. It is designed to suppress electromagnetic interference (EMI) in industrial machinery and power electronics. --- ### 1. Key Technical Specifications Below is a breakdown of the primary electrical characteristics for this specific model: | Parameter | Specification | | :--- | :--- | | **Phase Type** | 3-Phase + Neutral | | **Rated Current** | 75 Amperes (@ 50°C) | | **Rated Voltage** | 520 VAC (Max) | | **Operating Frequency** | DC to 60 Hz | | **Leakage Current** | ~5.8 mA (at 400VAC/50Hz) | | **Terminal Type** | Bolt and Nut (M6) | | **Operating Temp** | -25°C to +100°C | --- ### 2. Internal Electronic Components The FMBC-R91F-7512 is a **two-stage filter**, meaning it contains two successive sets of inductor/capacitor networks to provide superior attenuation. #### A. Inductors (Chokes) * **Common-Mode Chokes:** These consist of high-permeability ferrite cores. They create high impedance for noise traveling in the same direction on all lines (common mode), while allowing the 50/60Hz power current to pass. * **High Saturation Resistance:** The inductors are designed to handle 75A without the core "saturating," which would otherwise cause the filter to lose its effectiveness. #### B. Capacitors * **X-Capacitors (Line-to-Line):** These handle **differential mode** noise. They are placed between the phases to short-circuit high-frequency noise spikes. * **Y-Capacitors (Line-to-Ground):** These handle **common mode** noise by shunting high-frequency interference from the lines to the chassis ground. * **Self-Healing Property:** Usually, these are polypropylene film capacitors that can recover from small voltage punctures. #### C. Discharge Resistors * Integrated resistors are placed across the capacitors to bleed off stored electrical charge once power is disconnected, ensuring safety for technicians. --- ### 3. Applications and Usage This part is typically found in the following environments: 1. **Variable Frequency Drives (VFDs):** To prevent switching noise from the motor controller from polluting the main power grid. 2. **CNC Machines:** Protecting sensitive logic controllers from heavy industrial noise. 3. **Renewable Energy:** Inverters for wind or large solar arrays. --- ### 4. Mounting and Wiring * **Grounding:** The metal housing must be securely bolted to a grounded metal plate to ensure the Y-capacitors function correctly. * **Torque:** For the M6 terminals, a specific torque (typically 3.0–4.0 Nm) is required to ensure a low-resistance connection for high-current loads.
    ✨ Follow-up Questions
    • ⤷ What is the difference between a single-stage and a two-stage filter like the FMBC-R91F-7512?
    • ⤷ How do I calculate the leakage current safety requirements for this filter?
    • ⤷ Can this filter be used in a Delta power configuration without a Neutral wire?