FNQ-R-1-1/2
AI

## FNQ-R-1-1/2 Fuse Specifications and Details
The **FNQ-R-1-1/2** is a high-performance, industrial-grade fuse. It belongs to the **CC Class** (Current Limiting) family, specifically designed for rejection-type fuse holders to prevent the installation of fuses with lower interrupting ratings.
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Manufacturer (Common)** | Bussmann (Eaton) / Littelfuse |
| **Amperage Rating** | 1.5 Amps (1-1/2 A) |
| **Voltage Rating (AC)** | 600 Vac |
| **Interrupting Rating** | 200,000 Amps (RMS Symmetrical) |
| **Fuse Class** | Class CC |
| **Response Characteristic** | Time-Delay (Slo-Blo) |
| **Construction** | Melamine tube with nickel-plated brass endcaps |
---
### 2. Functional Characteristics
* **Time-Delay Property:** This fuse is designed to handle temporary "inrush currents" or surges (such as when a motor starts) without blowing. It only opens the circuit if the overload persists.
* **Current Limiting:** It is a high-speed current-limiting fuse. In the event of a short circuit, it reacts fast enough to limit the total energy (let-through) that could damage downstream components.
* **Rejection Feature:** The "R" in the part number signifies a physical rejection tip. This ensures it fits into Class CC fuse blocks, preventing someone from accidentally replacing it with a standard midget fuse that lacks the same safety ratings.
---
### 3. Common Applications
The FNQ-R-1-1/2 is typically used in industrial control circuits where space is limited but high protection is required:
1. **Control Transformers:** Protecting the primary side of control power transformers.
2. **Solenoids:** Handling the inductive loads of solenoid valves.
3. **Motor Branch Circuits:** Providing specialized protection for small motor loads.
4. **Lighting Ballasts:** Protecting sensitive electronic ballast circuits.
---
### 4. Comparison: FNQ vs. FNQ-R
| Feature | FNQ (Midget) | FNQ-R (Class CC) |
| :--- | :--- | :--- |
| **Rejection Tip** | No | Yes |
| **Interrupting Rating** | 10,000 Amps | 200,000 Amps |
| **Application** | General purpose | Branch circuit protection |
---
- ⤷
What is the difference between a time-delay and a fast-acting fuse?
- ⤷ Can I use an FNQ-R fuse in a standard midget fuse holder?
- ⤷ What are the recommended fuse holders for Class CC fuses?