Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • FNS-164-R

  • AI
    The **FNS-164-R** is a specific electronic component primarily identified as a **Fiber Optic Network Sensor** or an **Optical Fiber Photoelectric Sensor** (often associated with brands like Panasonic/Sunx or specialized automation manufacturers). Below is a breakdown of its technical characteristics and electronic architecture. --- ## 1. Technical Specifications The FNS-164-R is designed to interface between fiber optic cables and electronic control systems (like PLCs). | Feature | Specification | | :--- | :--- | | **Component Type** | Fiber Optic Photoelectric Sensor | | **Light Source** | Red LED (Visible) | | **Output Type** | NPN or PNP Open Collector (depending on sub-model) | | **Response Time** | Typically < 1ms | | **Operating Voltage** | 12 - 24V DC | | **Connection Type** | Standard Fiber Jack (R-series often denotes specific threading or lens style) | --- ## 2. Key Electronic Components The device functions by converting light signals into electrical pulses. Its internal circuitry consists of several critical stages: ### A. Emitter Stage * **Gallium Arsenide (GaAs) LED:** Generates the red light beam that travels through the fiber optic cable. * **Oscillation Circuit:** Drives the LED at a specific frequency to distinguish the sensor's light from ambient light interference. ### B. Receiver Stage * **Photodiode/Phototransistor:** Located at the return port. It detects the returning light and converts the photons back into a low-level electrical current. * **Preamplifier:** Boosts the weak signal from the photodiode to a level usable by the logic controller. ### C. Logic and Output Stage * **Comparator:** Compares the received signal voltage against a pre-set threshold (sensitivity adjustment). * **Output Transistor:** An **NPN/PNP Open Collector**. This acts as a solid-state switch that completes the circuit for the external Load (PLC input). --- ## 3. Wiring Configuration Standard electronic integration follows a 3-wire or 4-wire color-coding convention: ```markdown Brown [+] ----> 12-24V DC Power Supply Blue [-] ----> 0V / Common Black [Q] ----> Control Output (Signal to PLC) White [L] ----> Mode Selection (Light-ON / Dark-ON) ``` --- ## 4. Application Context * **Detection in Tight Spaces:** Because the electronic "brain" is housed in the FNS-164-R unit, the light can be sent through thin fiber cables into spaces where standard sensors won't fit. * **High Interference Areas:** The electronic signals are shielded within the housing, while the fiber tips are immune to EMI (Electromagnetic Interference).
    ✨ Follow-up Questions
    • ⤷ What is the difference between NPN and PNP outputs for this sensor?
    • ⤷ How do you adjust the sensitivity threshold on the FNS-164-R?
    • ⤷ Can this sensor be used for liquid level detection or just object presence?