FNS-165-R
AI

The **FNS-165-R** is a specific model of a **piezoelectric electronic siren/alarm**, commonly used in security systems, fire alarms, and industrial warning equipment. It is designed to provide high-decibel output with low power consumption.
---
## 1. Technical Specifications
The following table summarizes the primary electrical and physical characteristics of the FNS-165-R:
| Feature | Specification |
| :--- | :--- |
| **Rated Voltage** | 12V DC |
| **Operating Voltage** | 6V - 15V DC |
| **Current Consumption** | ~200mA to 300mA (at 12V DC) |
| **Sound Pressure Level** | 105dB - 110dB at 1 meter |
| **Tone Type** | Single Tone (Siren/Warble) |
| **Material** | ABS Plastic (Flame Retardant) |
| **Operating Temp** | -10°C to +55°C |
---
## 2. Key Electronic Components
The internal circuitry of the FNS-165-R consists of three main stages that convert electrical energy into acoustic energy:
### A. The Oscillator Circuit
Most units utilize a simple **transistor-based multivibrator** or a dedicated **siren IC** (like the NE555 or a COB - Chip on Board). This circuit generates the electrical frequency (usually between 2kHz and 4kHz) required to drive the sound element.
### B. Piezoelectric Transducer
Unlike traditional speakers that use magnets and coils, the "R" in these series often refers to a **Piezoelectric element**.
* **Piezo Ceramic Disc:** A ceramic layer bonded to a metal diaphragm.
* **Function:** When the oscillating voltage is applied, the ceramic expands and contracts rapidly, vibrating the diaphragm to create sound waves.
### C. Driver Stage
To achieve the high decibel (dB) output, a small **Step-up Transformer** or an **Inductor-based autotransformer** is often used. This boosts the 12V input to a much higher peak-to-peak voltage (often 40V-60V) to drive the piezo element at its resonant frequency for maximum volume.
---
## 3. Wiring and Installation
The device typically features a simple two-wire interface:
* **Red Wire:** Positive (+) terminal (Connect to 12V DC).
* **Black Wire:** Negative (-) terminal (Ground).
> **Note:** These devices are polarity sensitive. Reversing the wires will result in no sound, although most modern units include a protection diode to prevent circuit damage from reverse polarity.
---
- ⤷
What is the difference between a piezoelectric siren and an electromagnetic siren?
- ⤷ Can the FNS-165-R be triggered by an Arduino or micro-controller?
- ⤷ How do I reduce the volume of this siren for testing purposes?