FNS-33-R
AI

The **FNS-33-R** is an electronic component primarily classified as a **Power Line Filter (EMI/RFI Filter)**. These devices are designed to suppress electromagnetic interference (EMI) and radio frequency interference (RFI) between electronic equipment and the power line.
Below is a detailed breakdown of its specifications and electronic characteristics.
---
### 1. General Specifications
The FNS series is commonly manufactured by companies like **Okaya Electric Industries**. The "33" typically denotes the current rating, and "R" signifies specific termination or compliance standards.
| Feature | Specification (Typical) |
| :--- | :--- |
| **Component Type** | Single-Phase EMI Filter |
| **Rated Current** | 30A to 33A |
| **Rated Voltage** | 250V AC / DC |
| **Operating Frequency** | 50/60 Hz |
| **Temperature Range** | -25°C to +85°C |
| **Test Voltage** | 2,000V AC (1 minute) |
---
### 2. Internal Electronic Construction
The FNS-33-R utilizes a passive circuit network consisting of the following electronic parts:
1. **Inductors (Common Mode Chokes):** These consist of wire coils wound around a ferrite core. They provide high impedance to high-frequency noise while allowing the 50/60Hz power current to pass.
2. **X-Capacitors:** Connected across the lines (Line to Neutral) to suppress differential mode noise.
3. **Y-Capacitors:** Connected from the lines to the ground (Line to Ground). These are critical for bypassing common-mode noise to the earth.
4. **Bleeder Resistor:** A high-resistance component often included to discharge the capacitors when power is disconnected, ensuring safety.
---
### 3. Key Electronic Functions
* **Noise Suppression:** It blocks high-frequency noise generated by the device from entering the power grid and protects the device from noise coming *from* the grid.
* **Leakage Current Management:** The "R" variant is often optimized for specific leakage current limits to meet safety standards (like UL or VDE).
* **Attenuation Characteristics:** It provides significant decibel (dB) reduction across a wide frequency spectrum (typically 150kHz to 30MHz).
---
### 4. Typical Applications
The FNS-33-R is used in high-power industrial and commercial electronics, including:
* **Inverter-controlled equipment** (AC Motor Drives).
* **Switching Power Supplies (SMPS)**.
* **Medical diagnostic equipment**.
* **Office automation and telecommunications hardware**.
---
### 5. Installation Block Diagram
`[ Line Input ] ---> [ Filter (FNS-33-R) ] ---> [ Sensitive Load/Circuit ]`
- ⤷
What are the specific attenuation (dB) ratings for the FNS-33-R at 1MHz?
- ⤷ How does the 'R' suffix change the leakage current compared to the standard model?
- ⤷ What is the recommended mounting torque for the terminal blocks on this unit?