FNS-35W-R
AI

The **FNS-35W-R** is a specific electronic component typically identified as a **Power Inductor** (Surface Mount Device - SMD). These components are critical in power management circuits for energy storage and noise filtering.
Below is a detailed breakdown of its electronic characteristics and specifications.
---
### 1. General Specifications
The FNS series is known for its shielded construction and high current handling capabilities.
| Property | Typical Value/Description |
| :--- | :--- |
| **Component Type** | SMD Shielded Power Inductor |
| **Inductance Range** | Typically denotes specific microhenry ($\mu H$) values based on series suffix |
| **Shielding** | Magnetic Shielding (reduces EMI) |
| **Mounting Type** | Surface Mount (SMT) |
| **Core Material** | Ferrite |
### 2. Physical Characteristics
The "35" in the part number usually refers to the physical dimensions of the package.
* **Size Code:** Generally indicates a footprint of approximately **3.0mm x 3.0mm** or **3.5mm x 3.5mm** (depending on the specific manufacturer's datasheet).
* **Low Profile:** Designed for compact electronics like smartphones, tablets, and wearable tech.
* **Termination:** Lead-free (RoHS compliant) solder pads.
### 3. Key Electronic Parameters
When integrating the FNS-35W-R into a circuit, engineers focus on these three electrical limits:
1. **DCR (DC Resistance):** The internal resistance of the copper winding. A lower DCR is preferred to minimize power loss and heat generation.
2. **Isat (Saturation Current):** The maximum current at which the inductance drops by a specific percentage (usually 30%).
3. **Irms (RMS Current):** The continuous current that causes a specific temperature rise (usually 40°C) in the component.
### 4. Typical Applications
This part is commonly found in the following circuits:
* **DC-DC Converters:** Used in "Buck" or "Boost" regulators to stabilize voltage.
* **Power Supplies:** Filtering high-frequency noise in switching power supplies.
* **Consumer Electronics:** Power management modules for CPUs and GPUs in mobile devices.
---
### Code Example: Calculating Inductor Voltage
If you are simulating this component in a circuit using Python, you might use the following formula for voltage across an inductor ($V = L \cdot \frac{di}{dt}$):
```python
def calculate_inductor_voltage(inductance_uh, current_change_amps, time_seconds):
# Convert microhenries to henries
L = inductance_uh * 1e-6
# V = L * (di/dt)
voltage = L * (current_change_amps / time_seconds)
return voltage
# Example for a 4.7uH FNS inductor
v_drop = calculate_inductor_voltage(4.7, 0.5, 0.000001)
print(f"Voltage Drop: {v_drop}V")
```
- ⤷What is the exact inductance value for the 'W-R' suffix?
- ⤷ How does magnetic shielding in the FNS series reduce EMI?
- ⤷ What are the footprint dimensions for the 35W package size?