Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • FNS-A10-R

  • AI
    The **FNS-A10-R** is a specific electronic component typically categorized as a **Piezoelectric Transducer (Buzzer)** or an audible alarm module. These components are designed to convert electrical signals into mechanical vibrations, creating sound for alerts, notifications, or status indicators in electronic devices. --- ### 1. Key Technical Specifications While exact specifications can vary slightly by manufacturer (often associated with brands like Fastech or generic industrial suppliers), the "A10-R" series generally follows these parameters: | Parameter | Typical Value | | :--- | :--- | | **Type** | Piezoelectric (External Drive or Self-Drive) | | **Rated Voltage** | 3V - 12V DC | | **Current Consumption** | < 10mA | | **Sound Pressure Level** | ~80dB to 90dB at 10cm | | **Resonant Frequency** | 2.5 kHz ± 0.5 kHz | | **Operating Temp** | -20°C to +70°C | | **Mounting Type** | Through-hole (PCB Mount) | --- ### 2. Internal Electronic Structure The FNS-A10-R functions based on the **Inverse Piezoelectric Effect**. Its internal construction involves: 1. **Piezoelectric Ceramic Disk:** A thin layer of ceramic material (like Lead Zirconate Titanate) bonded to a metal diaphragm (usually brass or stainless steel). 2. **Electrodes:** Silver or copper layers applied to the ceramic to facilitate electrical connection. 3. **Housing (Case):** A plastic resonance chamber (Noryl or PBT) designed to amplify the sound waves produced by the vibrating disk. 4. **Pins/Leads:** The "R" in the part number often signifies **Radial** lead configuration or specific **RoHS compliance** (Lead-free). --- ### 3. Application Circuit Example To drive an FNS-A10-R using a microcontroller (like an Arduino or ESP32), a simple transistor switching circuit is often used to ensure the buzzer receives adequate current. ```cpp // Basic Arduino code to pulse the FNS-A10-R int buzzerPin = 9; void setup() { pinMode(buzzerPin, OUTPUT); } void loop() { digitalWrite(buzzerPin, HIGH); // Turn buzzer on delay(500); // Wait 500ms digitalWrite(buzzerPin, LOW); // Turn buzzer off delay(500); // Wait 500ms } ``` --- ### 4. Common Use Cases * **Industrial Panels:** Error or warning indicators. * **Consumer Electronics:** Microwave "beeps," alarm clocks, or handheld devices. * **Safety Equipment:** Gas detectors or smoke alarm sub-components. * **Feedback Devices:** Tactile confirmation for membrane keypads.
    ✨ Follow-up Questions
    • ⤷ What is the difference between an active and passive version of the FNS-A10-R?
    • ⤷ Can this component be driven directly by a 5V microcontroller GPIO?
    • ⤷ What is the specific diameter and pitch of the FNS-A10-R pins?