Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • FNS-AG-R

  • AI
    The **FNS-AG-R** series refers to high-performance, compact **Fused Noise Filters** (specifically the Inlet type) manufactured by companies like **Schurter** or **TDK-Lambda** (often used in medical and industrial applications). These components combine an IEC power inlet, a fuse holder, and an EMI/EMC filter into a single module. --- ### 1. Key Electronic Components The internal circuitry of an FNS-AG-R module typically consists of several passive components designed to suppress Electromagnetic Interference (EMI). | Component | Function | Description | | :--- | :--- | :--- | | **Common-Mode Choke** | Noise Suppression | A ferrite core with dual windings that cancels out noise common to both Line and Neutral lines. | | **X-Capacitors** | Differential Mode Filter | Connected across the lines to suppress "line-to-line" interference. | | **Y-Capacitors** | Common Mode Filter | Connected from line to ground to shunt high-frequency noise to the earth. | | **Fuse Holder** | Overcurrent Protection | Integrated slot for 5x20mm fuses to protect the downstream device from shorts. | | **Bleeder Resistor** | Safety | Discharges the capacitors when power is disconnected to prevent electric shock from the plug. | --- ### 2. Technical Specifications While specific values depend on the exact model number (e.g., current rating), the general characteristics are as follows: * **Rated Voltage:** 125/250 VAC * **Rated Current:** Typically ranges from 1A to 10A. * **Operating Frequency:** 50/60 Hz. * **Leakage Current:** Usually very low (especially in "Medical" versions, < 5μA or 100μA). * **Termination:** Quick-connect terminals (6.3 x 0.8mm) or solder lugs. --- ### 3. Circuit Diagram Logic The electrical flow follows this standard EMI suppression topology: ```mermaid graph LR Inlet((AC Inlet)) --> Fuse[Integrated Fuse] Fuse --> L_Choke[Common Mode Choke] L_Choke --> Cx[X-Capacitor] Cx --> Cy[Y-Capacitors to Ground] Cy --> Load((Output to Device)) ``` --- ### 4. Typical Applications The "AG" designation often points to specific housing or mounting styles (like snap-in or screw-mount). These parts are critical for: 1. **Medical Equipment:** Requiring low leakage current to ensure patient safety. 2. **Switch Mode Power Supplies (SMPS):** To prevent high-frequency switching noise from returning to the power grid. 3. **Laboratory Instruments:** Where signal integrity is sensitive to electrical "pollution."
    ✨ Follow-up Questions
    • ⤷ What is the difference between standard and medical grade FNS filters?
    • ⤷ How do I calculate the correct fuse rating for this component?
    • ⤷ What are the mounting dimensions for the snap-in version of the FNS-AG-R?