FNS-C4-R
AI

The **FNS-C4-R** is a specific electronic component typically associated with industrial automation, specifically within the realm of **Modular I/O Systems** or **Fieldbus interface modules** (often used in Fuji Electric or similar industrial control systems).
Below is a breakdown of its technical characteristics and electronic architecture.
---
### 1. Technical Specifications
The FNS-C4-R is primarily a **Remote I/O Slave Terminal**. It functions as a bridge between high-speed industrial networks and physical sensor/actuator wiring.
| Feature | Specification |
| :--- | :--- |
| **Model Series** | FNS (Field Network System) |
| **I/O Configuration** | 4-Channel Input/Output (Configurable) |
| **Communication Protocol** | RS-485 or Proprietary Fieldbus |
| **Terminal Type** | Spring-clamp or Screw Terminal (indicated by 'R') |
| **Operating Voltage** | 24V DC (Standard Industrial) |
| **Mounting** | 35mm DIN Rail |
---
### 2. Key Electronic Components
Inside the FNS-C4-R, the electronic design is centered around signal isolation and data processing:
* **Microcontroller (MCU):** An onboard processor manages the protocol stack (interpreting commands from the PLC) and controls the timing of the I/O operations.
* **Optocouplers (Galvanic Isolation):** To protect the main control logic from voltage spikes on the factory floor, the inputs and outputs are isolated using optical sensors.
* **Transceiver IC:** Since the model uses a "C4" designation (often implying 4-wire or specific RS-485 serial communication), it includes a transceiver chip to convert differential signals into logic-level signals.
* **Status LEDs:**
* **PWR:** Power supply status.
* **RUN/LNK:** Communication link activity.
* **ERR:** Hardware or communication fault indicator.
---
### 3. Wiring and Pinout Logic
The unit is designed for high-density wiring. The "R" in the suffix often denotes **Relay Output** or a specific **Connector/Terminal style**.
1. **Power Supply Terminals:** Connection for the 24V DC source.
2. **Communication Terminals:** Dual ports for "daisy-chaining" the network to the next module.
3. **I/O Terminals:** Four distinct channels for connecting digital sensors (like proximity switches) or small actuators (like solenoid valves).
---
### 4. Application Context
The FNS-C4-R is used in environments where centralizing all wiring to a single PLC is impractical. By placing this module near the machine sensors, you reduce the amount of copper wiring required and improve signal integrity.
* **Common Use Case:** Conveyor belt sensor monitoring, pneumatic cylinder control, and machine status signaling.
- ⤷What is the specific communication protocol used by the FNS series?
- ⤷ How do I configure the station address on an FNS-C4-R unit?
- ⤷ What are the maximum current ratings for the FNS-C4-R outputs?