FNS-D3-R
AI

The **FNS-D3-R** is an electronic component primarily classified as a **Digital Sensor** or **Optical Fiber Amplifier/Sensor Unit**, commonly used in industrial automation and precision detection. Below is a detailed breakdown of its electronic parts and functional characteristics.
---
### 1. Key Technical Specifications
The FNS-D3-R is designed for high-speed detection and integration with PLC (Programmable Logic Controller) systems.
| Parameter | Description |
| :--- | :--- |
| **Output Type** | NPN / Open Collector |
| **Operating Voltage** | 12 - 24V DC |
| **Light Source** | Red LED (Visible) |
| **Response Time** | High-speed (typically < 1ms) |
| **Control Output** | Max 100mA |
| **Connection Method** | Cable type (usually 3-wire or 4-wire) |
---
### 2. Core Electronic Components
Inside the FNS-D3-R housing, several critical electronic subsystems work together to provide reliable sensing:
#### A. The Optical Engine
* **Emitter:** A high-intensity Red LED that pulses light through an optical fiber.
* **Receiver:** A photodiode or phototransistor tuned to the specific frequency of the emitter to filter out ambient light interference.
#### B. Signal Processing Circuitry
* **Comparator/Op-Amp:** Amplifies the weak electrical signal from the receiver and compares it against a threshold set by the user.
* **Digital Logic Chip:** Manages the timing, pulse modulation, and threshold adjustments (Sensitivity).
#### C. Output Interface
* **Switching Transistor:** Usually an **NPN transistor**. When the target is detected, the transistor closes the circuit, pulling the signal line to the ground (OV).
* **Protection Diodes:** Includes reverse polarity protection and surge suppression to prevent damage from wiring errors.
---
### 3. Physical Features and Indicators
The device features external components that allow for manual calibration and monitoring:
1. **Sensitivity Adjustment:** A potentiometer or digital buttons used to set the "trigger point" based on distance or object transparency.
2. **LED Indicators:**
* **Green (Stability):** Indicates the signal strength is well above or below the threshold.
* **Red/Orange (Operation):** Indicates the output state (ON/OFF).
3. **Fiber Insertion Port:** A mechanical locking mechanism that holds the plastic or glass fiber optic cables in place.
---
### 4. Applications
Because of its electronic precision, the FNS-D3-R is used for:
* **Object Counting:** Detecting small parts on a conveyor belt.
* **Positioning:** Ensuring components are correctly aligned in a machine.
* **Label Detection:** Identifying the presence or absence of labels on packaging.
---
- ⤷
What is the difference between NPN and PNP output in sensors like the FNS-D3-R?
- ⤷ How do you calibrate the sensitivity on this specific sensor model?
- ⤷ What are the compatible fiber optic cables for the FNS series?