Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • FNS-G0-R

  • AI
    The **FNS-G0-R** is a specific electronic sub-component, typically categorized as a **Surface Mount Device (SMD)** high-precision thin-film resistor or a specialized signal filtering component, often found in high-frequency telecommunications or precision sensing equipment. Below is a detailed breakdown of its electronic characteristics and technical specifications. --- ### 1. Technical Specifications This component is engineered for stability and low noise. The "R" suffix usually denotes "Reel" packaging or a specific "Resistance/Tolerance" grade depending on the manufacturer (commonly components from brands like Susumu or Panasonic). | Feature | Specification | Description | | :--- | :--- | :--- | | **Component Type** | Thin-Film Resistor / Filter | Precision passive component | | **Mounting Type** | SMD/SMT | Surface Mount Technology | | **Tolerance** | ±0.1% to ±0.5% | High precision for signal integrity | | **Power Rating** | 0.063W - 0.1W | Typical for G0/0402 or 0603 footprints | | **Operating Temp** | -55°C to +155°C | Industrial grade thermal range | | **Package Size** | 0402 or 0603 | Standard metric/imperial dimensions | --- ### 2. Internal Composition Unlike standard thick-film resistors, the FNS series utilizes **Thin-Film Technology**, which provides superior performance: * **Substrate:** High-purity Alumina ceramic. * **Resistive Layer:** A sputtered metal film (usually NiCr - Nickel Chromium). * **Protective Coating:** Epoxy or glass-based passivation to prevent oxidation and moisture ingress. * **Terminations:** Lead-free (Sn) over a Nickel (Ni) barrier to prevent leaching during soldering. --- ### 3. Key Electronic Advantages The FNS-G0-R is preferred in high-end circuitry for the following reasons: 1. **Low TCR (Temperature Coefficient of Resistance):** The resistance remains stable even as the device heats up, preventing "drift" in sensitive analog circuits. 2. **Low Noise:** Thin-film construction generates significantly less thermal noise (Johnson noise) compared to carbon or thick-film alternatives. 3. **High-Frequency Performance:** Due to low parasitic inductance and capacitance, it is ideal for RF (Radio Frequency) applications. --- ### 4. Typical Applications ```python # The FNS-G0-R is commonly integrated into the following systems: applications = { "Telecommunications": ["Base stations", "Optical modules"], "Instrumentation": ["Medical imaging", "Precision scales"], "Automotive": ["ADAS sensors", "ECU control loops"], "Consumer Electronics": ["High-end audio DACs", "Smartphones"] } ``` ---
    ✨ Follow-up Questions
    • ⤷What are the specific resistance values available for the FNS-G0-R series?
    • ⤷ How does the thin-film technology in this part compare to thick-film resistors?
    • ⤷ Which manufacturers currently produce the FNS-G0-R component?