FO-FC-FS-PBS-R
AI

The part number **FO-FC-FS-PBS-R** refers to a specific type of **Fiber Optic (FO)** component, typically a high-performance **Fiber-to-Fiber Coupling** or **Polarizing Beam Splitter (PBS)** module.
Below is a detailed breakdown of the electronic and physical characteristics based on standard fiber optic naming conventions:
### Component Breakdown
| Code | Component Segment | Description |
| :--- | :--- | :--- |
| **FO** | Fiber Optic | Indicates the primary technology category. |
| **FC** | FC Connector | Refers to the "Fixed Connection" or "Ferrule Connector" style, common in high-precision telecommunications. |
| **FS** | Fused Silica / Fixed Spacing | Often refers to the substrate material or internal optical alignment type. |
| **PBS** | Polarizing Beam Splitter | The core function: splits an unpolarized light beam into two beams of differing linear polarization. |
| **R** | RoHS / Ruggedized | Indicates compliance with environmental standards or a specific "Right" orientation/Rugged housing. |
---
### Technical Specifications
#### 1. Polarization Functionality
The **PBS** element is the critical electronic/optical engine. It utilizes the Brewster angle or dielectric coatings to separate the **S-polarization** and **P-polarization** components of light.
* **Extinction Ratio:** Typically >20dB to 30dB.
* **Insertion Loss:** Low loss (usually <0.5dB) to ensure signal integrity across long-range fiber networks.
#### 2. Physical Housing and Connection
* **Connector Type (FC):** Uses a threaded, screw-on mechanism which is ideal for high-vibration environments where optical stability is mandatory.
* **Fiber Type:** Usually compatible with **PM (Polarization Maintaining)** fiber to ensure the separated light remains in its designated state.
#### 3. Applications
These parts are commonly found in:
* **Coherent Optical Communications:** Managing signal states in high-speed data transmission.
* **Fiber Optic Sensors:** Used in gyroscopes and interferometers.
* **Optical Amplifiers:** Managing pump laser inputs.
---
### Comparison with Standard Splitters
| Feature | Standard Coupler | PBS (FO-FC-FS-PBS-R) |
| :--- | :--- | :--- |
| **Splitting Logic** | Power-based (e.g., 50/50) | Polarization-based (S vs P) |
| **Material** | Standard glass | High-grade Fused Silica/Crystals |
| **Connector** | Variable (LC, SC, ST) | High-precision FC (Threaded) |
| **Main Use** | Signal distribution | Signal conditioning / Sensing |
- ⤷What is the typical wavelength range for this PBS module?
- ⤷ How does the FC connector compare to an LC connector in industrial settings?
- ⤷ What is the specific 'Extinction Ratio' requirement for medical fiber optic applications?