FP1008-120-R
AI

## FP1008-120-R Electronic Component Overview
The **FP1008-120-R** is a high-frequency, high-current power inductor designed specifically for use in multi-phase regulators, voltage regulator modules (VRMs), and point-of-load (POL) converters. It belongs to the **FP1008 series** manufactured by **Eaton (formerly Cooper Bussmann/Coiltronics)**.
---
### Key Specifications
| Parameter | Value |
| :--- | :--- |
| **Inductance** | 120 nH (0.120 µH) |
| **Tolerance** | ±10% |
| **Current Rating (Irms)** | 55 Amps |
| **Saturation Current (Isat)** | 85 Amps (at 25°C) |
| **DC Resistance (DCR)** | 0.17 mΩ (Max) |
| **Operating Temperature** | -40°C to +125°C |
| **Package / Case** | 10.2mm x 8.0mm x 8.0mm |
---
### Critical Technical Features
1. **High Current Handling:**
The part is designed with a flat-wire construction that minimizes DC resistance (DCR). This allows it to handle extremely high saturation currents (up to 85A) without the inductance dropping significantly.
2. **Ferrite Core Material:**
The use of ferrite material ensures low core losses at high switching frequencies, typically ranging from 300 kHz to over 2 MHz. This makes it ideal for modern high-efficiency power supplies.
3. **Tight Tolerance:**
With a ±10% tolerance, it provides consistent performance across multi-phase power designs, ensuring balanced current sharing between phases in a CPU or GPU power delivery system.
4. **Surface Mount Technology (SMT):**
The component is designed for automated pick-and-place assembly. Its "R" suffix indicates that it is **RoHS compliant**.
---
### Common Applications
* **Computing:** Multi-phase VRMs for CPUs (Intel/AMD) and GPUs (NVIDIA/AMD).
* **Networking:** High-current DC-DC converters for routers and switches.
* **Data Centers:** Server power modules and voltage step-down regulators.
* **Industrial:** High-efficiency power supplies where space is limited but power requirements are high.
---
### Internal Structure (Typical)
The FP1008 series utilizes a **one-turn or multi-turn flat wire** wrapped through a rectangular ferrite block. This "bead" style construction provides a closed magnetic path which minimizes Electromagnetic Interference (EMI) and maximizes the power density.
- ⤷
What is the significance of the saturation current (Isat) in this inductor?
- ⤷ How does the DCR of 0.17 mΩ affect the overall efficiency of a power circuit?
- ⤷ Can this inductor be used in automotive applications
- ⤷ or is it strictly for commercial electronics?