Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • FP2000PL

  • AI
    The **FP2000PL** is a high-performance, programmable DC power supply (often associated with brands like TDK-Lambda or similar industrial power systems). These units are designed for precision, high power density, and reliability in industrial or laboratory settings. --- ## 1. Core Electronic Components The FP2000PL utilizes a sophisticated switching topology to convert AC input into regulated DC output. | Component Group | Key Parts | Function | | :--- | :--- | :--- | | **Input Stage** | Bridge Rectifiers & Bulk Capacitors | Converts AC grid power to raw DC. | | **PFC Circuit** | Power Factor Correction ICs & Inductors | Ensures high efficiency and reduces harmonic distortion. | | **Switching Stage** | IGBTs or MOSFETs | High-speed transistors that chop the DC into high-frequency pulses. | | **Transformer** | High-Frequency Isolation Transformer | Provides galvanic isolation and steps down voltage. | | **Output Stage** | Schottky Diodes & LC Filters | Rectifies high-frequency AC back to smooth, low-noise DC. | | **Control Logic** | Microcontroller (MCU) / DSP | Manages programming, safety protocols, and digital displays. | --- ## 2. Key Technical Specifications Below are the typical electronic characteristics found in the FP2000PL series: * **Regulation Mode:** Constant Voltage (CV) and Constant Current (CC) automatic crossover. * **Efficiency:** Typically >85-90% due to advanced switching technology. * **Cooling:** Variable speed fans controlled by thermal sensors to manage heat dissipation from the power transistors. * **Protection Circuits:** * **OVP (Over Voltage Protection):** Shuts down the output if voltage exceeds a set limit. * **OTP (Over Temperature Protection):** Thermal sensors on the heatsinks trigger a shutdown if the unit overheats. * **OCP (Over Current Protection):** Limits current to prevent damage to the load or internal components. --- ## 3. Digital and Analog Interfaces The "PL" in the model often signifies specific programming capabilities. The electronic interface allows for external control: ### Control Interfaces * **Analog Programming:** 0-5V or 0-10V inputs to control voltage and current remotely. * **Digital Communication:** Supports RS-232, RS-485, or GPIB (IEEE-488) protocols for automated testing (ATE) environments. * **Remote Sensing:** Separate terminals to compensate for voltage drops across long load leads. --- ## 4. Maintenance and Safety Considerations When working with the electronics of an FP2000PL: 1. **Discharge Time:** High-voltage electrolytic capacitors can hold a lethal charge for several minutes after power-off. 2. **Calibration:** The internal reference voltages should be calibrated annually to maintain precision. 3. **EMI Filtering:** The unit contains internal EMI filters; ensure proper grounding to prevent noise interference with sensitive nearby equipment.
    ✨ Follow-up Questions
    • ⤷ What are the specific pinout configurations for the analog control port on the FP2000PL?
    • ⤷ How does the FP2000PL handle parallel operation for higher current requirements?
    • ⤷ What is the typical ripple and noise specification for this power supply model?