FP3-1R0-R
AI

The **FP3-1R0-R** is a high-performance, high-frequency power inductor manufactured by Eaton (formerly Bussmann). It belongs to the **FP3 series** of Flat-Pac™ inductors, designed specifically for high-current applications.
---
### ## Technical Specifications
The following table summarizes the key electrical and physical characteristics of the FP3-1R0-R:
| Parameter | Specification |
| :--- | :--- |
| **Inductance** | 1.0 µH (Microhenry) |
| **Tolerance** | ±20% |
| **Current Rating (Irms)** | 14.0 Amperes |
| **Saturation Current (Isat)** | 25.0 Amperes |
| **DC Resistance (DCR)** | 4.8 mΩ (Max) |
| **Operating Temperature** | -40°C to +125°C |
| **Package / Case** | 7.2mm x 6.7mm x 3.0mm (SMD) |
| **Mounting Type** | Surface Mount (SMT) |
---
### ## Key Features
* **High Power Density:** The "Flat-Pac" design allows for a very low profile (3.0mm height) while maintaining high current handling capabilities.
* **Low DCR:** The extremely low DC resistance (4.8 mΩ) ensures minimal power loss and high efficiency.
* **Ferrite Core Material:** Uses high-frequency ferrite core material, which provides low core losses even at switching frequencies above 1 MHz.
* **Shielded Construction:** The design provides electromagnetic interference (EMI) shielding, which is critical for sensitive surrounding circuitry.
---
### ## Common Applications
The FP3-1R0-R is typically found in modern power management circuits where space is limited and efficiency is critical:
1. **Multi-phase Regulators:** Used in VRMs (Voltage Regulator Modules) for CPUs and GPUs.
2. **DC-DC Converters:** Buck, boost, and SEPIC converters in laptops and servers.
3. **Point-of-Load (POL) Modules:** High-efficiency power supplies located near the load.
4. **Battery Powered Systems:** Handheld devices requiring compact power management components.
---
### ## Part Number Breakdown
```text
FP3 - 1R0 - R
| | |
| | +-- RoHS Compliant
| +-------- Inductance Value (1R0 = 1.0 µH)
+-------------- Family Series (Flat-Pac 3)
```
- ⤷What is the difference between Irms and Isat for this inductor?
- ⤷ What are the recommended footprint dimensions for PCB layout?
- ⤷ How does the temperature rise affect the inductance of the FP3-1R0-R?