FP3-1R5-R
AI

The **FP3-1R5-R** is a high-frequency, high-current power inductor designed by Eaton (formerly Cooper Bussmann/Coiltronics). It is part of the FP3 series, which is known for its flat-pac, surface-mount design.
---
### 1. Key Technical Specifications
The following table outlines the core electrical characteristics of the component:
| Parameter | Value |
| :--- | :--- |
| **Inductance** | 1.5 µH (Microhenries) |
| **Tolerance** | ±20% |
| **Current Rating (Irms)** | 5.5 Amperes |
| **Saturation Current (Isat)** | 8.0 Amperes |
| **DC Resistance (DCR)** | 14.5 mΩ (Max) |
| **Operating Temperature** | -40°C to +125°C |
| **Package Type** | SMD (Surface Mount Device) |
---
### 2. Physical Design and Construction
The "FP" in the part number stands for **Flat-Pac**. This series uses a unique construction style:
* **Core Material:** Ferrite core material, which provides low core losses at high frequencies.
* **Winding:** It features a flat-wire or "ribbon" winding. This minimizes "skin effect" losses and allows for a lower profile (height) while maintaining high current capacity.
* **Shielding:** It is magnetically shielded, which reduces Electromagnetic Interference (EMI) with surrounding components.
---
### 3. Application Use-Cases
The FP3-1R5-R is typically used in power management circuits where space is limited and efficiency is critical. Common applications include:
* **DC-DC Converters:** Used as the storage inductor in Buck, Boost, or SEPIC converters.
* **Voltage Regulator Modules (VRMs):** Found in servers and high-performance computing to regulate CPU/GPU power.
* **Portable Electronics:** Laptops and tablets where a low-profile component is required.
* **Filtering:** Used in input/output filters to smooth out ripple current.
---
### 4. Part Number Breakdown
Understanding the nomenclature helps in selecting variants:
```text
FP3 - 1R5 - R
| | |
| | +-- RoHS Compliant
| +-------- Inductance Value (1.5 µH)
+-------------- Series Name (Flat-Pac Size 3)
```
- ⤷
What is the difference between Irms and Isat for this inductor?
- ⤷ Are there alternative inductors with a smaller footprint but similar current ratings?
- ⤷ How does the ferrite core impact performance at frequencies above 1MHz?