Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • FP3-R10-R

  • AI
    The **FP3-R10-R** is a specific Input/Output (I/O) module belonging to the **Panasonic (formerly Matsushita/NAiS) FP3 series Programmable Logic Controller (PLC)**. This particular module is a **Relay Output Module**. Below is a detailed breakdown of its electronic specifications and technical characteristics. --- ### 1. General Specifications The FP3-R10-R is designed to interface high-power or varied voltage loads with the low-power logic of the PLC CPU. | Feature | Specification | | :--- | :--- | | **Module Type** | Relay Output | | **Number of Points** | 10 Points | | **Connection Type** | Terminal Block (Screw Terminals) | | **Isolation Method** | Relay (Electromagnetic isolation) | | **Common Terminals** | Usually 1 common per point or small groups | --- ### 2. Output Ratings Since this is a relay module, it can handle both AC and DC voltages, which makes it highly versatile compared to transistor modules. * **Rated Load Voltage:** 24V DC / 250V AC. * **Max Load Current:** Typically 2A per point (dependent on the specific group configuration). * **Min Load:** 10mA 5V DC (reference value for signal-level switching). * **Response Time:** * **OFF to ON:** Max 10ms. * **ON to OFF:** Max 10ms. --- ### 3. Electronic Components & Internal Logic Internally, the module consists of several key stages: 1. **Bus Interface:** Connects to the FP3 backplane to receive binary commands from the CPU. 2. **Optocouplers:** Often used to isolate the logic-side circuitry from the relay coil drivers for noise immunity. 3. **Relay Coils:** Small electromagnetic relays that mechanically open/close the contacts. 4. **LED Indicators:** Located on the front panel to show the status (ON/OFF) of each of the 10 output channels. 5. **Varistors/Surge Absorbers:** Usually included to protect the contacts from arcing when switching inductive loads. --- ### 4. Wiring and Terminal Layout The "10-R" designation indicates 10 relay points. Wiring typically follows this logic: * **L/+ (Line/Positive):** The external power supply for the load. * **Out (0 to 9):** The individual output terminals. * **COM:** The common return path. --- ### 5. Pros and Cons of the FP3-R10-R | Advantages | Disadvantages | | :--- | :--- | | Can switch both AC and DC loads. | Mechanical wear (relays have a finite life). | | High current capacity compared to transistors. | Slower switching speed (ms vs μs). | | High electrical isolation between logic and load. | Audible clicking noise during operation. | --- ### 6. Maintenance Note Because relays are mechanical, they have a **Mechanical Life** (approx. 20 million operations) and an **Electrical Life** (approx. 100,000 operations at rated load). If a specific output fails to trigger despite the status LED being ON, the internal relay contact has likely reached the end of its life.
    ✨ Follow-up Questions
    • ⤷What is the difference between FP3-R10-R and a transistor-type output module?
    • ⤷ How do I test if a specific relay point on the FP3-R10-R has failed?
    • ⤷ Is the FP3 series still in production or is there a modern replacement?