Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • FP3001

  • AI
    ## Overview of the FP3001 The **FP3001** is a high-performance **Synchronous Step-Down (Buck) DC-DC Converter** designed primarily for high-efficiency power management. It is widely used in portable devices, networking equipment, and distributed power systems. --- ### Key Technical Specifications | Parameter | Specification | |:---|:---| | **Input Voltage Range** | 4.5V to 18V | | **Output Current** | Up to 3A | | **Switching Frequency** | 500 kHz | | **Feedback Voltage** | 0.925V (Typical) | | **Efficiency** | Up to 95% | | **Package Type** | SOP-8 (Exposed Pad) | --- ### Internal Electronic Components The FP3001 integrates several critical electronic functional blocks within its silicon: 1. **MOSFETs:** It features two integrated N-Channel power MOSFETs (High-side and Low-side). This integration eliminates the need for an external Schottky diode, reducing heat and board space. 2. **Control Loop:** It uses a **Current Mode Control** scheme. This provides fast transient response and simplifies loop stabilization. 3. **Reference Voltage:** A precise 0.925V internal reference for accurate output voltage regulation. 4. **Oscillator:** A fixed 500kHz internal oscillator that dictates the switching speed. --- ### Pin Configuration & Functionality | Pin No. | Name | Description | |:---:|:---:|:---| | 1 | **BS** | Bootstrap. A capacitor is connected between BS and SW to drive the high-side N-MOSFET. | | 2 | **IN** | Supply Input. Power source for the internal circuits and the power switch. | | 3 | **SW** | Switch Output. Connects to the external inductor. | | 4 | **GND** | Ground. | | 5 | **FB** | Feedback. Receives the output voltage via a resistor divider. | | 6 | **COMP** | Compensation. Used to stabilize the control loop. | | 7 | **EN** | Enable. High = On, Low = Off. | | 8 | **SS** | Soft Start. Controls the ramp-up time to prevent inrush current. | --- ### Protection Circuitry The FP3001 includes several "fail-safe" electronic protections: * **Over-Current Protection (OCP):** Monitors the peak current through the MOSFETs to prevent damage during a short circuit. * **Thermal Shutdown:** Shuts the chip down if the internal junction temperature exceeds safety limits (usually around 150°C). * **Under-Voltage Lockout (UVLO):** Ensures the chip stays off until the input voltage is high enough for stable operation. --- ### Typical Application Circuit Example ```text Input (12V) ----[C_in]----+----[IN] [BS]----[C_boot]----+ | | +----[EN] [SW]----[Inductor]--+-- Output (3.3V) [FB]----[Resistor Divider] +----[GND] [COMP]---[RC Network] ```
    ✨ Follow-up Questions
    • ⤷ What are the recommended values for the output inductor and capacitor for a 5V output?
    • ⤷ How does the FP3001 compare to the FP3002 in terms of current capacity?
    • ⤷ Can the FP3001 be used for automotive 12V applications safely?