Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • FP3008

  • AI
    The **FP3008** is a high-performance, integrated Synchronous Step-Down (Buck) DC-DC converter. It is widely used in power management applications where efficiency and compact design are critical. --- ### 1. Technical Specifications The FP3008 is designed to convert a higher input voltage to a lower output voltage with minimal heat loss. | Feature | Specification | | :--- | :--- | | **Input Voltage Range** | 4.5V to 21V | | **Output Current** | Up to 8A Continuous | | **Switching Frequency** | 500kHz (Typical) | | **Reference Voltage** | 0.8V ± 1% | | **MOSFET Rds(on)** | ~30mΩ High Side / ~15mΩ Low Side | | **Package Type** | SOP-8 (Exposed Pad) | --- ### 2. Core Electronic Components & Internal Blocks The internal architecture of the FP3008 consists of several key functional stages: * **Integrated Power MOSFETs:** It contains both a High-Side and a Low-Side N-Channel MOSFET. This "synchronous" design eliminates the need for an external Schottky diode, significantly improving efficiency. * **PWM Controller:** Uses Pulse Width Modulation to regulate the output voltage by adjusting the duty cycle of the internal switches. * **Error Amplifier:** Compares the feedback voltage (FB) from the output against the internal 0.8V reference to maintain stability. * **Protection Circuitry:** * **OCP (Over Current Protection):** Monitors current to prevent damage during shorts. * **OTP (Over Temperature Protection):** Shuts down the chip if it exceeds safe thermal limits. * **UVLO (Under Voltage Lockout):** Ensures the chip doesn't operate if the input voltage is too low. --- ### 3. Typical Application Circuit Components To function in a real-world device, the FP3008 requires several external passive components: 1. **Input Capacitor ($C_{IN}$):** Typically a low-ESR ceramic capacitor (10µF - 22µF) to filter input noise. 2. **Output Inductor ($L$):** Crucial for storing energy; usually ranges from $1.5\mu H$ to $4.7\mu H$ depending on the desired ripple. 3. **Feedback Resistors ($R_1, R_2$):** A resistor divider network connected to the FB pin to set the specific output voltage ($V_{OUT} = 0.8 \times [1 + R_1/R_2]$). 4. **Bootstrap Capacitor ($C_{BST}$):** Connected between the SW and BST pins to provide the gate drive voltage for the high-side MOSFET. --- ### 4. Key Advantages * **High Efficiency:** Often exceeds 90% due to low $R_{ds(on)}$ and synchronous rectification. * **Space Saving:** The SOP-8 package with an exposed thermal pad allows for high power density in a small footprint. * **Fast Transient Response:** Capable of handling sudden changes in load current without significant voltage drops.
    ✨ Follow-up Questions
    • ⤷ How do you calculate the specific resistor values for a 5V output using the FP3008?
    • ⤷ What are the thermal considerations for the FP3008 when running at the full 8A load?
    • ⤷ Can the FP3008 be used in parallel to increase output current?