Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • FP3009

  • AI
    The **FP3009** is a high-performance, asynchronous step-down (buck) DC-DC converter controller. It is primarily designed to drive an external N-channel MOSFET to provide high current output with high efficiency. --- ## 1. Key Technical Specifications The following table summarizes the primary electrical characteristics of the FP3009: | Parameter | Specification | | :--- | :--- | | **Input Voltage Range** | 8V to 100V | | **Feedback Voltage** | 1.25V (±2% accuracy) | | **Switching Frequency** | Adjustable up to 500kHz | | **Duty Cycle Range** | 0% to 95% | | **Operating Current** | 3mA (Typical) | | **Package Type** | SOP-8L (Standard) | --- ## 2. Main Functional Components The FP3009 integrates several internal sub-circuits to manage power conversion safely: ### A. High-Side Gate Driver The controller includes a built-in driver for an external **N-channel Power MOSFET**. Because it is a high-side driver, it usually requires a bootstrap capacitor to provide a voltage higher than the input supply to fully turn on the MOSFET. ### B. Error Amplifier & Reference It compares the voltage at the **FB (Feedback)** pin with an internal **1.25V reference**. This allows the user to set the output voltage using a simple resistor divider: > $V_{OUT} = 1.25 \times (1 + \frac{R1}{R2})$ ### C. Frequency Oscillator The switching frequency is determined internally but can be stabilized to ensure low EMI (Electromagnetic Interference). High frequency allows for smaller external inductors and capacitors. ### D. Protection Circuitry * **Over Current Protection (OCP):** Monitors the voltage drop across a sense resistor to prevent damage during shorts. * **Thermal Shutdown:** Shuts the device down if the internal junction temperature exceeds safety limits (usually around 150°C). * **Under Voltage Lockout (UVLO):** Ensures the chip only operates when the input voltage is high enough to drive the MOSFET gate reliably. --- ## 3. Pin Configuration (SOP-8) | Pin | Name | Description | | :--- | :--- | :--- | | 1 | **BOOT** | Bootstrap pin for high-side gate drive. | | 2 | **EXT** | Gate drive output to the external MOSFET. | | 3 | **VIN** | Main power supply input. | | 4 | **FB** | Feedback input for voltage regulation. | | 5 | **VCC** | Internal regulator output / Bias supply. | | 6 | **CS** | Current sense input. | | 7 | **GND** | Ground. | | 8 | **EN** | Enable pin (High = ON, Low = OFF). | --- ## 4. Typical Applications Due to its wide input voltage range (up to 100V), the FP3009 is commonly found in: * **Electric Vehicle (EV) Electronics:** Converting 48V/60V/72V battery power to 12V. * **Telecommunications:** High-voltage bus converters. * **Industrial Power Supplies:** Distributed power systems requiring robust step-down.
    ✨ Follow-up Questions
    • ⤷ How do you calculate the inductor value for an FP3009 circuit?
    • ⤷ What is the maximum output current the FP3009 can support?
    • ⤷ What are the common causes of instability in FP3009 buck converter designs?