FP4-200-R
AI

The **FP4-200-R** is a high-frequency, high-current power inductor typically manufactured by **Eaton (formerly Cooper Bussmann)**. It belongs to the **FP4 series**, which is designed for multi-phase voltage regulator modules (VRMs) and high-density power applications.
---
### ## Technical Specifications
The part number `FP4-200-R` can be broken down to understand its primary characteristics.
| Parameter | Specification | Description |
| :--- | :--- | :--- |
| **Inductance** | 200 nH (0.20 µH) | Measured at 0Adc |
| **Current Rating ($I_{rms}$)** | ~37 Amps | The continuous current the part can handle |
| **Saturation Current ($I_{sat}$)** | ~50 - 70 Amps | The point where inductance drops by 20% |
| **DC Resistance (DCR)** | ~0.45 mΩ | Extremely low to minimize power loss |
| **Operating Temp** | -40°C to +125°C | Standard industrial range |
| **Package/Footprint** | SMT (Surface Mount) | Low profile, high-density design |
---
### ## Internal Construction and Materials
The "FP" stands for **Flat-Pac™**, indicating its physical construction:
1. **Core Material:** Uses a high-frequency Ferrite core material. This ensures very low core losses, making it efficient for switching frequencies up to **2 MHz**.
2. **Winding:** Features a "flat-wire" or "foil" winding. Unlike round wire, flat wire increases the surface area, which reduces the **Skin Effect** at high frequencies and allows for a lower DCR.
3. **Shielding:** The construction is naturally shielded, which helps contain Electromagnetic Interference (EMI) within the component.
---
### ## Key Features
* **High Efficiency:** Due to the sub-milliohm DCR, it generates very little heat even at high currents.
* **Small Footprint:** Designed to save "real estate" on the PCB, crucial for modern motherboards and servers.
* **Vertical Integration:** Often used in "stacked" or multi-phase configurations to provide hundreds of amps to CPUs or GPUs.
---
### ## Typical Applications
The FP4-200-R is commonly found in high-performance computing environments:
* **Servers:** Voltage Regulator Modules (VRMs) for Intel and AMD processors.
* **Graphics Cards (GPUs):** Providing stable current for high-end gaming and AI chips.
* **Data Centers:** Distributed power systems and DC-DC converters.
* **Network Equipment:** High-speed routers and switches.
- ⤷
What are the differences between the FP4 and FP10 series inductors?
- ⤷ How does the saturation current affect the performance of this inductor in a VRM?
- ⤷ Can you provide a footprint layout recommendation for the FP4-200-R?