FPA-15-R/
AI

The **FPA-15-R** is a specific electronic component commonly used in industrial automation, specifically within the **Festo** product ecosystem. It is a **flat plate adapter** used primarily for mounting or interfacing pneumatic and electronic sensing equipment.
Below is a breakdown of its technical specifications and electronic context.
---
### 1. General Specifications
The FPA-15-R is part of the mounting accessory family for linear actuators or sensors. It serves as the physical bridge between the mechanical movement and the electronic feedback system.
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Festo |
| **Part Number** | 151556 (typically) |
| **Material** | High-grade Aluminum alloy / Galvanized Steel |
| **Component Type** | Mounting Adapter Plate |
| **Compatibility** | DFM / SLT / DNC series actuators |
### 2. Electronic Integration
While the plate itself is a mechanical mounting part, its "electronic" relevance lies in how it facilitates sensor integration:
* **Sensor Mounting:** The "R" in the suffix often denotes a specific orientation or compatibility with **Proximity Sensors** (Reed switches or Hall-effect sensors).
* **Signal Accuracy:** By providing a rigid, vibration-resistant mount, the FPA-15-R ensures that electronic sensors maintain a consistent distance from the magnetic piston, preventing "false triggers" or signal loss.
* **Switching Sensitivity:** It is designed to be non-magnetic (aluminum) so that it does not interfere with the magnetic flux required to trigger electronic position transmitters.
### 3. Structural Breakdown
The component consists of several key sub-parts required for a complete electronic assembly:
1. **Base Plate:** Precision machined to align with the axis of the actuator.
2. **Mounting Holes:** Specifically spaced for M3 or M4 screws, standard for small-scale electronic sensor brackets.
3. **Alignment Pins:** Used to ensure the sensor's electronic "sweet spot" is perfectly centered over the target.
---
### 4. Typical Application Workflow
1. **Mechanical Attachment:** The FPA-15-R is bolted to a pneumatic slide.
2. **Sensor Installation:** An electronic proximity sensor (e.g., Festo SMT or SME series) is attached to the plate.
3. **Wiring:** The sensor cables are routed via the plate's cable management notches to a PLC (Programmable Logic Controller) or I/O link master.
- ⤷
What are the compatible sensor series for the FPA-15-R?
- ⤷ Does the FPA-15-R require specific torque settings for electronic sensor mounting?
- ⤷ Is there a stainless steel version for high-corrosion electronic environments?