Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • FPA-15-R/Q

  • AI
    The **FPA-15-R/Q** typically refers to a high-performance **Fiber-Pumped Amplifier** or **Power Amplifier** module, often used in optical communication, fiber sensing, or industrial laser applications. These modules are designed to amplify optical signals within specific wavelength ranges (usually the C-band or L-band). Below is a breakdown of the electronic and internal components typically found in these units. --- ## 1. Core Electronic Components The functionality of the FPA-15-R/Q relies on a combination of optical hardware and control electronics to maintain signal integrity and stability. | Component | Description | Function | | :--- | :--- | :--- | | **Pump Diode** | High-power semiconductor laser. | Provides the energy source (optical pumping) to excite the gain medium. | | **TEC (Thermoelectric Cooler)** | Peltier element integrated with the pump laser. | Maintains a constant temperature for the laser diode to prevent wavelength drift. | | **Thermistor** | Temperature-sensitive resistor. | Monitors the heat of the pump and the internal housing for feedback loops. | | **PD (Photodetector)** | Tap-coupler photodiode. | Measures Input and Output power levels for real-time monitoring. | | **Microcontroller (MCU)** | Embedded logic board. | Manages APC (Auto Power Control) and ACC (Auto Current Control) loops. | --- ## 2. Key Operational Features The "R/Q" designation often implies specific configurations regarding noise figures or interface types (e.g., RS-232 vs. RS-485 for communication). ### Control Modes 1. **ACC (Automatic Current Control):** The electronics keep the pump laser current constant, regardless of the output power. 2. **APC (Automatic Power Control):** The electronics adjust the pump current dynamically to maintain a steady optical output power based on feedback from the internal photodetectors. ### Protection Circuitry * **Over-temperature Protection:** Logic that shuts down the pump if the internal heat sink exceeds a safety threshold (usually >50°C to 70°C). * **Back-Reflection Monitor:** Detects if light is being reflected back into the amplifier, which could damage the pump laser. --- ## 3. Interface and Connectivity The module typically interfaces with a larger system via a multi-pin connector (often a DB-9 or a high-density header). | Pin/Interface Type | Purpose | | :--- | :--- | | **DC Power Supply** | Usually +5V or +3.3V for logic, and a separate higher current supply for the pump. | | **Communication Bus** | I2C, RS-232, or RS-485 for digital telemetry. | | **Analog Monitors** | Voltage outputs that represent internal power levels (0-5V scales). | | **Enable/Disable** | A logic pin to turn the amplification on or off instantly. | --- ## 4. Technical Specifications Summary While specific manufacturers (like Amonics or Keopsys) may vary slightly, the standard electronic performance for a "-15" series (15dBm or 15dB gain) is as follows: ```yaml Electrical_Specs: Supply_Voltage: 5.0 VDC +/- 5% Power_Consumption: < 10 W (at max pump current) Operating_Temp: -10°C to +60°C Communication: RS-232 / I2C Alarm_Thresholds: Low_Input, High_Temp, Pump_Fail ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between ACC and APC modes in this specific amplifier?
    • ⤷ How do you interface with the RS-232 command set for this module?
    • ⤷ What are the specific power supply requirements for the FPA-15 series?