Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • FPA-1D-R/Q

  • AI
    The **FPA-1D-R/Q** refers to a high-performance **Focal Plane Array (FPA)**, typically utilized in advanced imaging systems such as infrared cameras, thermal sensors, or scientific instrumentation. These components are designed to convert electromagnetic radiation (light) into electrical signals at the focal plane of an optical system. --- ### 1. Key Electronic Components and Architecture The FPA-1D-R/Q is comprised of two primary layers integrated through hybridization: | Component | Function | Material/Technology | | :--- | :--- | :--- | | **Detector Layer** | Senses incoming photons and converts them into charge carriers. | InGaAs, HgCdTe (MCT), or QWIP | | **ROIC (Readout IC)** | Processes the charge from the detector and converts it to voltage. | CMOS (Complementary Metal-Oxide-Semiconductor) | | **Indium Bumps** | Microscopic solder balls that provide the electrical path between layers. | Indium (chosen for ductility at low temps) | | **A/D Converter** | Converts analog signal levels into digital data (if integrated). | On-chip ADC | ### 2. Functional Specification (Technical Breakdown) The "1D" designation usually implies a **Linear Array** (one-dimensional), often used in scanning applications or spectroscopy. #### A. The Detector Material Depending on the specific suffix (R/Q), the detector is tuned for specific wavelengths: * **SWIR (Short-Wave Infrared):** 0.9 to 1.7 µm. * **MWIR (Mid-Wave Infrared):** 3 to 5 µm. * **LWIR (Long-Wave Infrared):** 8 to 14 µm. #### B. The Readout Integrated Circuit (ROIC) The ROIC is the "brain" of the FPA. Its electronic stages include: 1. **Direct Injection (DI):** A transistor circuit that maintains a constant bias across the detector. 2. **Integration Capacitor:** Stores the collected electrons during the "Integration Time." 3. **Sample and Hold:** Retains the voltage level while the previous frame is being read out. 4. **Multiplexer:** Switches between different pixels to output data through a single or multiple serial ports. ### 3. Electronic Interfaces and Pins To operate the FPA-1D-R/Q, the following electronic signals are required: * **V_Bias:** High-precision DC voltage to bias the detector material. * **Clocks (CLK):** Timing signals to synchronize the pixel readout. * **Integration Control (INT):** Controls the start and stop time of photon collection. * **Analog Outputs:** The raw voltage representing light intensity (requires an external high-speed ADC if not internal). --- ### 4. Summary of Signal Flow 1. **Photons** strike the Detector Layer. 2. **Electron-hole pairs** are generated. 3. **Indium Bumps** transfer the charge to the **ROIC**. 4. The **Integration Capacitor** accumulates the charge. 5. The **Multiplexer** sends the signal out as an **Analog/Digital Voltage**.
    ✨ Follow-up Questions
    • ⤷What is the pixel pitch and resolution of the FPA-1D-R/Q?
    • ⤷ Which specific spectral range (SWIR or LWIR) does the 'Q' suffix designate?
    • ⤷ What are the power consumption requirements for this specific focal plane array?