Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • FPA-5G-R/Q

  • AI
    ### Electronic Overview of the FPA-5G-R/Q The **FPA-5G-R/Q** is a high-performance **Fine Pitch Probe Adapter** (or Test Interface) designed for 5G Radio Frequency (RF) testing and semiconductor wafer/package characterization. Its electronic components are engineered to handle millimeter-wave (mmWave) frequencies while maintaining signal integrity. --- ### Core Electronic Components The architecture of the FPA-5G-R/Q is divided into three primary functional layers: | Component Type | Role in FPA-5G-R/Q | Key Specification | |:---|:---|:---| | **Signal Probes** | Direct contact pins for the DUT (Device Under Test). | Gold-plated, low resistance. | | **Impedance Matching Network** | Balances the transition from PCB to Probe to prevent reflection. | 50 Ohm standard. | | **Decoupling Capacitors** | Filters power supply noise for DC bias lines. | Ultra-low ESR (Equivalent Series Resistance). | | **RF Connectors** | Interface to the VNA (Vector Network Analyzer). | 2.4mm or 1.85mm coaxial interfaces. | --- ### Key Electronic Characteristics #### 1. Signal Integrity & Frequency Range The "5G" designation implies the circuitry is optimized for **FR1** (Sub-6GHz) and **FR2** (24GHz - 52GHz+) bands. The electronic traces use **substrate materials** (like Rogers or high-end Megtron) to minimize dielectric loss at these extreme speeds. #### 2. Probe Technology The contact mechanism usually utilizes **Micro-Spring** or **Membrane** technology. * **Inductance:** Minimal (nano-henry range) to avoid phase shifts. * **Current Carrying Capacity:** Designed to handle DC power for the chip while simultaneously routing high-speed RF signals. #### 3. Grounding Architecture To prevent "Crosstalk" (interference between neighboring pins), the FPA-5G-R/Q employs a **Ground-Signal-Ground (GSG)** configuration. This mimics the physics of a coaxial cable at the microscopic level, ensuring electromagnetic fields stay contained. --- ### Technical Specifications Summary ```yaml FPA-5G-R/Q_Parameters: Frequency_Response: 0 Hz to 67 GHz (model dependent) Insertion_Loss: < 1.5 dB @ 40 GHz Return_Loss: > 15 dB Pitch_Range: 50µm to 250µm (Fine Pitch) Interface_Type: SMP or 2.4mm Coaxial ``` --- ### Diagnostic Features (R/Q Specifics) The **R** and **Q** suffixes typically denote specific hardware variations: * **R (Ruggedized/Reliability):** Enhanced mechanical shielding and reinforced electronic paths for high-volume production testing. * **Q (Quad/Quality):** Often refers to a 4-port configuration allowing for differential signaling or MIMO (Multiple Input Multiple Output) testing.
    ✨ Follow-up Questions
    • ⤷ What are the specific differences in pin pitch between the R and Q versions?
    • ⤷ How does the FPA-5G handle thermal dissipation during long-duration RF tests?
    • ⤷ Which VNA brands are most compatible with the 2.4mm connectors on this adapter?