FPM-2150G-RCE
AI

The **FPM-2150G-RCE** is an industrial-grade 15" XGA TFT LED LCD monitor designed by Advantech. It is engineered for harsh environments, featuring a rugged design and specific electronic components that differentiate it from consumer-grade displays.
---
### 1. Core Electronic Specifications
The internal electronics are optimized for stability, high-resolution clarity, and long-term reliability.
| Component | Specification | Description |
| :--- | :--- | :--- |
| **Display Type** | 15" XGA TFT LED LCD | Provides better brightness and lower power consumption than CCFL. |
| **Max Resolution** | 1024 x 768 | Standard 4:3 aspect ratio for industrial HMI interfaces. |
| **Luminance** | 400 cd/m² | High brightness for visibility in well-lit factory floors. |
| **Contrast Ratio** | 700:1 | Ensures sharp differentiation between graphical elements. |
| **Backlight Life** | 50,000 Hours | Industrial MTBF (Mean Time Between Failures) rating. |
---
### 2. Control & Interface Electronics
The electronic "brain" of the monitor consists of an AD (Analog-to-Digital) board that handles signal processing and power management.
* **Input Ports:**
* **VGA:** For legacy industrial PC connections.
* **Direct-VGA/DP/DVI:** Depending on the specific revision, it supports digital signal inputs to reduce electronic noise interference.
* **Touchscreen Controller:**
* **Technology:** 5-wire Resistive Touch.
* **Interface:** Dual-mode support via **RS-232 (Serial)** or **USB**. The internal controller translates physical pressure into digital coordinates.
* **Power Circuitry:**
* **Input:** Phoenix-type 12V DC input or a standard DC Jack.
* **Protection:** Includes voltage surge protection and EMI filtering to prevent damage from "dirty" industrial power grids.
---
### 3. Physical & Environmental Electronics Design
The electronic assembly is housed in a way that protects it from external stressors.
1. **Anti-Corrosion/Anti-Glare:** The screen features a chemically strengthened glass layer to protect the LCD matrix.
2. **OSD (On-Screen Display) Controls:** Tactile buttons located on the rear or bottom allow for electronic adjustment of brightness, contrast, and scaling.
3. **Grounding:** The Al-Mg (Aluminum-Magnesium) front panel is electronically grounded to the chassis to dissipate static electricity (ESD).
---
### 4. Mounting & Integration
| Feature | Details |
| :--- | :--- |
| **Mounting** | Panel, Wall, Desktop, or VESA Arm. |
| **IP Rating** | IP65 Compliant front panel (Dust-tight and protected against water jets). |
| **Dimensions** | 383 x 307 x 48 mm (15.08" x 12.09" x 1.89"). |
- ⤷
What is the difference between the 5-wire resistive touch used here and a capacitive screen?
- ⤷ Can the FPM-2150G-RCE be powered by a standard 24V industrial power supply?
- ⤷ How do I install the touch drivers for the RS-232 interface?