FPM-3121G-R3BE
AI

The **FPM-3121G-R3BE** is an industrial-grade 12.1" SVGA monitor manufactured by Advantech. It is designed for harsh environments where standard commercial monitors would fail. Below is a breakdown of its electronic components and technical specifications.
---
### 1. Display and Visual Specifications
The core electronic component is the TFT LCD panel, which includes the liquid crystal layer and the backlight driver circuit.
| Component | Specification |
| :--- | :--- |
| **Display Type** | 12.1" SVGA TFT LCD |
| **Max Resolution** | 800 x 600 |
| **Backlight Type** | LED (Light Emitting Diode) |
| **Brightness** | 450 cd/m² |
| **Contrast Ratio** | 700:1 |
| **Backlight MTBF** | 50,000 hours |
### 2. Touch Control Electronics
The "R" in the model name signifies a **Resistive** touch screen system. This involves a physical sensor overlay and a controller board.
* **Sensor Type:** 5-wire Analog Resistive.
* **Interface:** The touch data is transmitted to the host computer via either **USB** or **RS-232 (Serial)**.
* **Durability:** The electronic sensor is rated for 36 million touches at a single point.
### 3. Interface and Connectivity (I/O)
The rear electronic board handles signal processing (converting VGA/DVI signals to the LCD's native LVDS/TTL format).
* **Video Inputs:**
* **VGA:** Analog D-Sub 15-pin.
* **DVI-D:** Digital interface (Direct Drive).
* **Control Ports:**
* USB (Type B) for touch.
* RS-232 (DB9) for touch.
* **OSD (On-Screen Display):** Physical buttons on the rear/side to control the internal firmware for brightness, contrast, and scaling.
### 4. Power Management
Industrial monitors require robust power regulation to handle voltage spikes and electrical noise.
* **Input Voltage:** External 60W power adapter (typically 12V DC input).
* **Power Consumption:** 13W typical (up to 18W max).
* **Protection:** The circuitry includes basic surge protection and grounding suitable for panel mounting in metal cabinets.
### 5. Mechanical and Environmental Integration
The electronics are housed in a rugged chassis to prevent electromagnetic interference (EMI).
* **Enclosure:** Die-cast aluminum alloy front bezel.
* **Ingress Protection:** Front panel is **IP65 certified** (dust-tight and protected against water jets).
* **Mounting:** Supports Panel, Wall, Desktop, or VESA arm mounting.
---
- ⤷
What are the main differences between the FPM-3121G and the FPM-3151G models?
- ⤷ Does this model support multi-touch gestures like pinching and zooming?
- ⤷ Which drivers are required to operate the RS-232 touch interface on Windows 10?