FPM-3171G-R3AE
AI

The **FPM-3171G-R3AE** is an industrial-grade 17" SXGA TFT LED LCD monitor manufactured by Advantech. It is designed for harsh environments, featuring a rugged design and specific electronic components optimized for reliability and control.
---
### Core Electronic Specifications
The internal electronics are centered around high-grade display driving and power regulation.
| Component | Specification | Description |
| :--- | :--- | :--- |
| **Display Type** | 17" SXGA TFT LED LCD | Industrial panel with a resolution of 1280 x 1024. |
| **Backlight** | LED | Offers a lifespan of 50,000 hours (MTBF). |
| **Luminance** | 350 cd/m² | High brightness for visibility in industrial lighting. |
| **Touch Controller** | 5-wire Resistive | Driven via RS-232 or USB interface. |
| **Power Input** | 24 VDC | Standard industrial phoenix terminal power input. |
| **Power Consumption** | 21 W + 20% | Low energy consumption for 24/7 operation. |
---
### Key Electronic Sub-Systems
#### 1. Display Interface Board
The internal controller board (AD Board) manages signal conversion. It supports multiple input formats to ensure compatibility with various Industrial PCs (IPCs):
* **VGA Port:** For legacy analog signals.
* **Direct-VGA Port:** Optimized for Advantech's proprietary signal standards.
* **DVI-D:** For digital video signals, reducing electromagnetic interference (EMI).
#### 2. Touch Sensing Electronics
The **5-wire resistive touch screen** is more durable than 4-wire versions because it uses the bottom layer for both X and Y axis measurements, while the top layer acts only as a voltage probe.
* **Interface:** The unit contains an internal logic board that converts touch pressure into digital coordinates sent via **USB** or **RS-232**.
#### 3. Power Management Circuitry
Designed for "dirty" electrical environments, the internal power circuitry includes:
* **Reverse Polarity Protection:** Prevents damage if DC wires are swapped.
* **Voltage Stabilization:** Handles fluctuations common in factory floor power grids.
#### 4. I/O and Connectivity
The bottom of the unit features a ruggedized I/O layout:
* **1 x USB 2.0:** Specifically for the touch screen interface.
* **1 x RS-232 (DB9):** Alternative touch interface.
* **Terminal Block:** For 24V DC power input.
---
### Environmental Durability Electronics
Unlike consumer monitors, the FPM-3171G uses **Industrial-grade Capacitors** and **Inductors** rated for high temperatures.
* **Operating Temperature:** 0 ~ 50°C (32 ~ 122°F).
* **EMI/EMC Compliance:** Certified for FCC Class A and CE to ensure the electronics do not interfere with (or are not affected by) heavy machinery.
- ⤷
What are the differences between the 5-wire resistive touch used here versus capacitive touch?
- ⤷ Can this monitor be powered by a standard AC outlet using an adapter?
- ⤷ What mounting options are supported for the FPM-3171G?