FPM-3191G-R3BE
AI

The **FPM-3191G-R3BE** is an industrial-grade 19" SXGA TFT LED LCD monitor manufactured by Advantech. It is designed for harsh environments, featuring a ruggedized chassis and specific electronic components that differentiate it from consumer-grade displays.
---
### 1. Core Electronic Specifications
The internal electronics are centered around high-reliability signal processing and industrial power regulation.
| Component | Specification | Description |
| :--- | :--- | :--- |
| **Display Panel** | 19" SXGA TFT LCD | Resolution of 1280 x 1024 with LED backlighting. |
| **Brightness** | 350 cd/m² | High-luminance output for visibility in industrial lighting. |
| **Backlight MTBF** | 50,000 Hours | The Mean Time Between Failures for the LED driver and lamps. |
| **Input Interface** | VGA & DVI-D | Supports both analog and digital video signal processing. |
| **Control Interface** | RS-232 & USB | Dual-interface controller for the resistive touch screen. |
---
### 2. Key Internal Electronic Subsystems
#### A. The A/D (Analog-to-Digital) Board
The "brain" of the monitor. This PCB converts incoming VGA (analog) or DVI (digital) signals into the LVDS (Low-Voltage Differential Signaling) format required by the LCD panel.
- **Auto-Adjustment:** Integrated circuits (ICs) handle automatic image scaling and positioning.
- **On-Screen Display (OSD):** Electronic membrane switches on the front panel connect to this board to allow user calibration.
#### B. Touchscreen Controller
The **R3BE** model utilizes a **5-wire resistive touch screen**.
- **Function:** The controller detects voltage changes when pressure is applied to the screen.
- **Connectivity:** It includes circuitry to switch between RS-232 (Serial) and USB communication, depending on the host industrial PC's available ports.
#### C. Power Management Circuitry
Unlike consumer monitors, the FPM-3191G uses an industrial-grade power inverter/converter.
- **Input Voltage:** Supports a wide-range Phoenix-type terminal block for 24V DC input (typical in control cabinets).
- **Protection:** Includes electronic filters to protect against electromagnetic interference (EMI) and voltage surges common in factory settings.
---
### 3. Environmental Durability Features
The electronics are protected by specific physical-electronic design choices:
- **Anti-Reflective Glass:** The front electronic layer is coated to reduce glare.
- **NEMA4/IP65 Rating:** The front bezel electronics are sealed against dust and pressurized water.
- **Grounding:** Enhanced grounding circuits to prevent static discharge (ESD) from damaging the internal logic boards.
---
### 4. Connectivity Ports
The I/O section at the rear contains the following electronic interfaces:
1. **DVI-D Port:** For lossless digital video signal.
2. **VGA Port (DB-15):** For legacy industrial PC connections.
3. **Touch I/O:** USB (Type B) and RS-232 (DB-9) ports.
4. **Power Input:** 3-pin screw terminal block for secure DC wiring.
- ⤷
What are the specific power requirements for the FPM-3191G-R3BE?
- ⤷ How does a 5-wire resistive touch screen differ from a 4-wire version in terms of reliability?
- ⤷ Which mounting options are available for this industrial monitor?