FPM-3191S-R3BE
AI

The **FPM-3191S-R3BE** is an industrial-grade 19" SXGA TFT LED LCD monitor manufactured by Advantech. It is designed for harsh environments, featuring a ruggedized chassis and specific electronic components that distinguish it from consumer-grade displays.
### 1. Core Display Specifications
The electronic backbone of the unit is centered around its high-resolution panel and backlighting system.
| Component | Specification | Description |
| :--- | :--- | :--- |
| **Panel Type** | SXGA TFT LCD | Provides a resolution of 1280 x 1024. |
| **Backlight** | LED | Offers a lifespan of 50,000 hours and lower power consumption than CCFL. |
| **Luminance** | 350 cd/m² | High brightness for visibility in industrial lighting. |
| **Contrast Ratio** | 1000:1 | Ensures deep blacks and clear image differentiation. |
---
### 2. Control and Input Interface
The internal Controller Board (A/D Board) manages the signal conversion from the source to the LCD panel.
* **Video Inputs:**
* **VGA (D-Sub):** For legacy industrial PC connections.
* **Direct-VGA Port:** Specialized for Advantech industrial controllers.
* **OSD (On-Screen Display):** Located on the rear panel, these electronic tactile switches allow for digital adjustment of contrast, brightness, and horizontal/vertical positioning.
---
### 3. Touchscreen Electronics
The "R" in the model name signifies a **Resistive** touch system.
* **Type:** 5-wire Analog Resistive.
* **Interface:** Dual-interface support via **RS-232 (Serial)** or **USB**.
* **Durability:** The electronic sensor layer is rated for 36 million touches at a single point.
* **Controller:** An internal logic chip converts pressure-based voltage changes into coordinate data for the OS.
---
### 4. Power Management
The FPM-3191S-R3BE is designed for versatile power environments.
* **Input Voltage:** Supports a wide range via an external power adapter (100~240VAC input) or direct **+12VDC** input.
* **Power Consumption:** Typically around **23W** during standard operation.
* **Protection:** Includes basic surge protection and EMI filtering to prevent interference from industrial machinery.
---
### 5. Physical & Environmental Protection
The electronics are housed in a way that ensures longevity in "dirty" environments.
* **IP65 Rating:** The front panel is electronically sealed against dust and water jets.
* **Chassis:** Anti-corrosion coating and stainless steel/aluminum construction to shield internal circuitry from electromagnetic interference (EMI).
- ⤷
What are the mounting options available for the FPM-3191S-R3BE?
- ⤷ Can this monitor be used with a 24VDC power supply common in industrial cabinets?
- ⤷ Does the 5-wire resistive touch support multi-touch gestures?