FPM-5151G-R3BE
AI

The **FPM-5151G-R3BE** is an industrial-grade 15" XGA TFT LED LCD monitor manufactured by Advantech. It is designed for harsh environments, featuring a rugged design and specific electronic components that ensure reliability in automation and control settings.
### 1. Core Display Components
The display system is the primary electronic assembly, focusing on visibility and durability.
| Component | Specification | Description |
| :--- | :--- | :--- |
| **LCD Panel** | 15" XGA TFT | Provides a resolution of 1024 x 768. |
| **Backlight** | LED | Offers a lifespan of 50,000 hours and lower power consumption compared to CCFL. |
| **Brightness** | 400 cd/m² | High-luminance electronics for readability in bright indoor environments. |
| **Contrast Ratio** | 700:1 | Ensures clear distinction between light and dark areas on the UI. |
---
### 2. Control Electronics & Input Interfaces
The internal PCB (Printed Circuit Board) manages signal conversion and power regulation.
* **Video Controller:** An integrated AD (Analog-to-Digital) board converts incoming signals into the native LVDS signal required by the LCD panel.
* **Input Ports:**
* **VGA:** For legacy analog video signals.
* **DVI-D:** For digital video signals, ensuring no signal loss over short distances.
* **Touch Controller:** This model features a **5-wire resistive touch screen**. The electronic controller for the touch layer communicates via:
* **USB Port:** Standard modern interface for touch data.
* **RS-232 (COM):** Legacy serial interface for older industrial PC communication.
---
### 3. Power Supply Electronics
The unit is designed to integrate into industrial power grids.
* **Input Voltage:** Supports an external 60W power adapter with **100 ~ 240 VAC** input.
* **DC Input:** Internally operates on **12 VDC**.
* **Protection:** Includes basic surge protection and EMI filtering to prevent interference from nearby high-voltage industrial machinery.
---
### 4. Physical & Environmental Electronics Design
The electronic assembly is protected by a specific chassis design:
* **Enclosure:** Al-Mg front bezel provides electromagnetic shielding.
* **Ingress Protection:** The front panel is **IP65 certified**, meaning the electronic components are sealed against dust and water jets.
* **Operating Temperature:** The electronics are rated to function between **-20 ~ 60°C (-4 ~ 140°F)**, which is significantly higher than consumer-grade monitors.
- ⤷
What are the mounting options for the FPM-5151G-R3BE?
- ⤷ Does this model support multi-touch gestures?
- ⤷ What is the power consumption of this monitor under full load?