AI

The **FPM-5171G-R3AE** is an industrial-grade 17" SXGA TFT LED LCD monitor manufactured by Advantech. It is designed specifically for harsh industrial environments, featuring robust electronic components that ensure longevity and compatibility with legacy and modern systems.
---
### 1. Key Electronic Specifications
The following table highlights the core technical and electronic parameters of the device:
| Feature | Specification |
| :--- | :--- |
| **Display Type** | 17" SXGA TFT LED LCD |
| **Max Resolution** | 1280 x 1024 |
| **Backlight Life** | 50,000 hours |
| **Input Power** | 10 ~ 30 VDC (Phoenix Plug) |
| **Power Consumption** | 18W + 20% (Typical) |
| **Interface Ports** | VGA, DVI-D, USB (for Touch), RS-232 (for Touch) |
| **Touch Controller** | 5-wire Resistive (USB & RS-232 interface) |
---
### 2. Electronic Sub-Systems
#### A. Power Management System
The unit utilizes a wide-range DC power input (10-30V), which is standard for industrial automation. This allows it to handle voltage fluctuations common in factory power grids. It includes internal filtering to mitigate electromagnetic interference (EMI).
#### B. Display & Backlight Driver
Unlike consumer monitors, the FPM-5171G uses an **LED backlight**.
* **Efficiency:** It consumes significantly less power (approx. 18W) compared to older CCFL models.
* **Durability:** The LED driver board is rated for 50,000 hours, ensuring the screen stays bright throughout its operational life.
#### C. Control Interface (The "Brain")
The internal PCB handles signal conversion for multiple inputs:
* **VGA:** For legacy industrial PC connections.
* **DVI-D:** For modern digital signal clarity without interference.
* **OSD (On-Screen Display):** Located on the rear, the electronic buttons allow for brightness, contrast, and phase adjustment.
#### D. Touch Screen Electronics
The monitor features a **5-wire resistive touch panel**.
* **Mechanism:** It works by pressure, meaning it can be operated with gloved hands—a critical requirement for industrial electronic interfaces.
* **Dual Interface:** The touch controller sends data via either a USB Type-B port or an RS-232 (COM) port, providing flexibility for older PLCs or newer PCs.
---
### 3. Environmental Protections
The electronics are housed within a chassis designed for high protection:
* **NEMA4/IP65 Compliance:** The front panel is electronically sealed against dust and water.
* **Chassis:** High-grade Al-Mg front bezel and stainless steel rear cover provide heat dissipation and physical protection for the internal circuit boards.
- ⤷
What are the mounting options available for the FPM-5171G-R3AE?
- ⤷ Does this model support multi-touch gestures?
- ⤷ Which specific power adapter is recommended for this unit?