AI

The **FPM-817S-R6A** is a specialized industrial monitor part, typically associated with Advantech’s line of industrial flat panel monitors. It is designed for harsh environments, offering robust electronic protection and high-quality display interfaces.
### 1. Core Electronic Specifications
The internal electronics are designed to provide high stability and resistance to electrical noise (EMI).
| Component | Specification | Description |
| :--- | :--- | :--- |
| **Display Type** | SXGA TFT LCD | 17-inch Active Matrix Liquid Crystal Display |
| **Max Resolution** | 1280 x 1024 | Standard 5:4 industrial aspect ratio |
| **Backlight Type** | LED | Low power consumption, long MTBF (50,000 hrs) |
| **Luminance** | 350 cd/m² | High brightness for visibility in lit environments |
| **Input Voltage** | 12V DC / 24V DC | Supports industrial power rails with internal regulation |
---
### 2. Control Electronics and Interface
The controller board (AD Board) serves as the "brain" of the unit, converting digital or analog signals into visual data.
* **Video Inputs:**
* **VGA:** For legacy industrial PC connections.
* **Direct-VVI/DP (Optional):** Supports digital signals to reduce electronic ghosting.
* **OSD (On-Screen Display) Controls:** Electronic membrane switches on the rear or side allow for digital adjustment of contrast, brightness, and positioning.
* **Touchscreen Controller:** Usually integrated via an RS-232 or USB interface, utilizing a 5-wire resistive sensor for high-precision tactile feedback.
---
### 3. Electrical Protection Features
Industrial-grade monitors like the FPM-817S series include specific electronic safeguards not found in consumer electronics:
1. **Isolation Protection:** Prevents ground loops and electrical surges from damaging the internal logic boards.
2. **Anti-Vibration Circuitry:** Components are often reinforced with industrial adhesives or through-hole soldering to prevent electronic failure under physical stress.
3. **EMI/EMC Compliance:** The internal chassis is shielded to prevent electromagnetic interference with other sensitive factory equipment.
---
### 4. Power Management
The FPM-817S-R6A utilizes a specialized power inverter or LED driver board.
```json
{
"power_input": "External DC Jack or Terminal Block",
"voltage_range": "10V - 30V DC",
"power_consumption": "Max 23 Watts",
"protection": "Reverse Polarity & Overvoltage"
}
```
- ⤷
What are the compatible mounting options for the FPM-817S-R6A?
- ⤷ Does this model support multi-touch or only single-touch resistive input?
- ⤷ What is the IP rating for the front panel of this electronic component?