FPM-817S-R6AE
AI

## Technical Overview of FPM-817S-R6AE
The **FPM-817S-R6AE** is an industrial-grade 17" SXGA TFT LED LCD monitor manufactured by Advantech. It is designed specifically for harsh environments such as factory floors and outdoor kiosks.
---
### 1. Core Electronic Specifications
The following table outlines the primary electronic and display characteristics of the unit:
| Component | Specification |
| :--- | :--- |
| **Display Type** | 17" SXGA TFT LED LCD |
| **Max. Resolution** | 1280 x 1024 |
| **Luminance (Brightness)** | 350 cd/m² |
| **Backlight MTBF** | 50,000 hours |
| **Input Voltage** | 10 - 30 VDC (Phoenix Jack) |
| **Power Consumption** | 20 W + 20% (Typical) |
| **Video Input** | VGA & DVI-D |
---
### 2. Key Electronic Features
#### A. Power Module
The device features a flexible power input design suitable for industrial power grids.
* **Wide DC Input:** It supports a range of **10 to 30 VDC**, allowing it to be powered by standard industrial 12V or 24V rails.
* **Protection:** Includes basic surge protection and grounding via the rear chassis to prevent interference in high-EMC environments.
#### B. Touchscreen Controller
The "S" in the model name typically indicates a **Resistive Touchscreen**.
* **Interface:** Connects to the host PC via **USB** or **RS-232 (Serial)**.
* **Durability:** 5-wire resistive technology allows for operation with gloves or styluses, which is essential for industrial HMI (Human Machine Interface).
#### C. Control Board (OSD)
The Rear/Side OSD (On-Screen Display) controls allow for electronic adjustment of:
* Contrast and Brightness.
* Horizontal and Vertical position.
* Color temperature.
* Auto-adjustment for analog signals (VGA).
---
### 3. Environmental Resistance
The electronics are protected by a robust physical housing:
* **IP65 Rating:** The front panel is protected against dust and water ingress.
* **Anti-reflective Screen:** Chemically strengthened glass to reduce glare from overhead factory lighting.
---
### 4. Connection Interface Pinouts
The rear I/O panel consists of several electronic ports:
```text
[ Power ] [ VGA ] [ DVI-D ] [ Touch (USB) ] [ Touch (RS-232) ]
(o) |:::| |:::::| [__] |:::|
```
---
- ⤷What are the mounting options available for the FPM-817S?
- ⤷ Can this monitor be powered by an AC adapter?
- ⤷ How do I calibrate the resistive touchscreen on Windows 10?