FPT705-230-R
AI

The **FPT705-230-R** is a high-performance, shielded inductor part of the FPT705 series manufactured by **Eaton (formerly Cooper Bussmann/Coiltronics)**. These components are specifically designed for high-frequency, high-current power applications.
### 1. Key Technical Specifications
The part number suffix "-230-R" defines its specific electrical characteristics:
| Parameter | Value |
| :--- | :--- |
| **Inductance** | 0.23 µH (Microhenries) |
| **Tolerance** | ±10% |
| **DCR (Direct Current Resistance)** | 0.44 mΩ (Max) |
| **Rated Current (Irms)** | 35 A |
| **Saturation Current (Isat)** | 48 A |
| **Operating Temperature** | -40°C to +125°C |
| **Mounting Type** | Surface Mount (SMD) |
---
### 2. Physical Characteristics
* **Construction:** It features a ferrite core material with a "Flat-Pac" (FPT) geometry. This low-profile design is optimized for high power density.
* **Shielding:** The inductor is magnetically shielded, which minimizes Electromagnetic Interference (EMI) with surrounding components.
* **Terminals:** Lead-free and RoHS compliant (indicated by the **-R** suffix).
* **Dimensions:** Approximately 7.0mm x 7.0mm x 4.8mm.
---
### 3. Electronic Functionality
The FPT705-230-R serves several critical roles in an electronic circuit:
1. **Energy Storage:** In switching regulators, it stores energy in its magnetic field during the "on" cycle and releases it during the "off" cycle.
2. **Ripple Filtering:** It smoothes out the current ripples in DC-to-DC converters, providing a stable voltage to sensitive components like CPUs or GPUs.
3. **High-Current Handling:** Due to its extremely low DCR (0.44 mΩ), it experiences very little power loss (heat) even when carrying currents up to 35 Amps.
---
### 4. Common Applications
Because of its high saturation current and low profile, it is typically found in:
* **Voltage Regulator Modules (VRMs):** Used in servers and desktop computers.
* **Multi-phase Buck Converters:** For powering high-end processors.
* **Point-of-Load (POL) Converters:** Distributed power systems in telecommunications.
* **Graphic Cards:** Managing power for high-performance GPUs.
---
### 5. Part Number Breakdown
```text
FPT 705 - 230 - R
| | | |
| | | └── RoHS Compliant
| | └───────── Inductance (230 = 0.23µH)
| └───────────────── Physical Size/Series
└────────────────────── Family Name (Flat-Pac)
```
- ⤷
What is the difference between Irms and Isat for this inductor?
- ⤷ Can you suggest an equivalent inductor if this part is out of stock?
- ⤷ How does the ferrite core material affect the high-frequency performance?