FPV325-18-R050LM
AI

The **FPV325-18-R050LM** is a specialized electronic component, typically categorized as a **Surface Mount Device (SMD) Power Inductor** or a high-precision magnetic component used in power management. These parts are designed to handle high current while maintaining a low profile.
Below is a breakdown of its technical characteristics and typical specifications.
---
### 1. Technical Specifications Table
Based on the standard nomenclature for this series, here are the estimated technical parameters:
| Parameter | Specification (Typical) |
| :--- | :--- |
| **Inductance** | 50 nH (indicated by "R050") |
| **Tolerance** | ±10% or ±20% (Standard) |
| **Rated Current (Irms)** | High (typically > 30A depending on heat sink) |
| **Saturation Current (Isat)** | Very High (designed for high-transient loads) |
| **DC Resistance (DCR)** | Extremely Low (typically < 1 mΩ) |
| **Package Size** | 3.2mm x 2.5mm (approximate based on "325") |
| **Mounting Type** | Surface Mount (SMD) |
---
### 2. Breakdown of the Part Number
The alphanumeric code provides specific details about the component's geometry and performance:
* **FPV**: Product Series (often refers to High-Frequency Power Inductors or Voltage Regulator Modules inductors).
* **325**: Physical dimensions (Length/Width).
* **18**: Often refers to the height profile (e.g., 1.8mm).
* **R050**: The inductance value. "R" acts as a decimal point, meaning **0.050 µH** (or **50 nH**).
* **LM**: Material type or tolerance/packaging code (Low Loss/Magnetic shielding).
---
### 3. Key Electronic Functions
This component is primarily used in the following roles:
1. **High-Frequency Switching:** Due to the very low inductance (50 nH), it is optimized for high-speed DC-DC converters (Buck/Boost).
2. **Energy Storage:** It stores energy in its magnetic field during the "on" cycle of a power MOSFET.
3. **Noise Filtering:** Helps smooth out the current ripple in high-performance computing power phases (CPUs/GPUs).
4. **Efficiency:** The low DCR (Direct Current Resistance) ensures minimal power loss through heat, which is critical for battery-operated or high-efficiency servers.
---
### 4. Typical Applications
* **VRMs (Voltage Regulator Modules):** Found near the processor on motherboards.
* **Point of Load (POL) Converters:** Used to step down voltages for specific ICs.
* **Telecommunications:** High-current power supplies for networking gear.
* **Graphics Cards:** Managing the intense power demands of modern GPUs.
- ⤷
What is the maximum operating temperature for the FPV series inductors?
- ⤷ How does the 'R050' inductance value affect the ripple current in a circuit?
- ⤷ Are there recommended PCB footprint dimensions for this specific 325 package?