FPV420-18-R050WM
AI

The **FPV420-18-R050WM** is a high-performance resistive current sensing resistor (often referred to as a "Shunt"). These components are critical in power electronics for monitoring current flow by measuring the voltage drop across a known resistance.
---
## 🛠️ Technical Specifications
The model number typically breaks down into the following electronic characteristics:
| Parameter | Specification | Description |
| :--- | :--- | :--- |
| **Type** | Metal Strip / Shunt | Used for high-precision current sensing. |
| **Resistance** | 50 mΩ ($0.050\Omega$) | Represented by "R050" in the part number. |
| **Power Rating** | 18 Watts | High power dissipation capability. |
| **Tolerance** | ±1% or ±5% | Precision level (varies by specific suffix). |
| **Construction** | Metal Plate | Built to withstand high thermal stress and pulse currents. |
---
## ⚡ Key Electronic Features
### 1. Low Temperature Coefficient (TCR)
These resistors are engineered with specific alloys (like Manganin or NiCr) to ensure the resistance does not change significantly as the part heats up. This is vital for maintaining accuracy in power supplies and motor controllers.
### 2. High Power Dissipation
Unlike standard surface-mount resistors (which are often 0.25W), this part handles up to **18W**. It usually features a physical design that allows for efficient heat transfer to a PCB or heatsink.
### 3. Kelvin Connection (4-Terminal) Potential
Many parts in the FPV series utilize a **4-terminal (Kelvin) design**. This separates the current path from the voltage sensing path, eliminating the resistance of the leads/solder from the measurement, which ensures extreme accuracy.
---
## 🔌 Typical Applications
The FPV420-18-R050WM is commonly found in the following electronic circuits:
* **Battery Management Systems (BMS):** Monitoring charge and discharge cycles in Lithium-ion packs.
* **Motor Controllers:** Providing feedback loops for torque and speed control in industrial robotics or EVs.
* **DC-DC Converters:** Sensing output current for over-current protection (OCP).
* **Power Inverters:** Used in solar power or UPS systems to monitor AC/DC conversion.
---
### ⚠️ Implementation Note
When PCB routing for this part, ensure wide copper traces are used to handle the high current associated with an 18W rating. Failure to provide adequate copper "heat-sinking" will lead to the resistor overheating and drifting out of its calibrated range.
- ⤷What is the maximum current this resistor can handle based on its 18W rating?
- ⤷ How does a 4-terminal Kelvin connection improve sensing accuracy?
- ⤷ What are the common alternatives to metal strip shunt resistors for current sensing?