Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • FR1P-R100-BT

  • AI
    The **FR1P-R100-BT** is a specific electronic component designation, typically associated with high-precision **SMD (Surface Mount Device) Resistors**. In the electronics industry, this nomenclature usually describes a high-power, low-resistance shunt resistor often used for current sensing. --- ## 1. Technical Specifications Below is a breakdown of the typical electronic characteristics for a part with this nomenclature: | Parameter | Specification (Typical) | | :--- | :--- | | **Component Type** | Current Sense Resistor / Metal Plate Resistor | | **Resistance Value** | 100 mΩ (0.1 Ohms) | | **Tolerance** | ±1% (denoted by the 'F' or specific series marking) | | **Power Rating** | 1 Watt (variable based on package size) | | **Technology** | Metal Foil / Thick Film | | **Operating Temp** | -55°C to +155°C | --- ## 2. Part Number Breakdown While naming conventions vary slightly by manufacturer (such as Viking Tech or Ohmite), the code generally breaks down as follows: * **FR**: Series designation (often stands for **F**oil **R**esistor or Flame Retardant). * **1P**: Power rating indicator (often representing **1 Watt**). * **R100**: The resistance value. "R" acts as a decimal point, meaning **0.100 Ohms**. * **BT**: Packaging or Tolerance code. * **B**: Often represents a precision tolerance (0.1%). * **T**: Usually indicates **Tape and Reel** packaging for automated assembly. --- ## 3. Key Electronic Functions This part is engineered for specific roles within a circuit: ### A. Current Sensing Because the resistance is very low (0.1Ω), it is placed in series with a load. By measuring the voltage drop across this resistor ($V = I \times R$), the microcontroller can calculate the exact current flowing through the circuit. ### B. Overcurrent Protection It acts as a feedback mechanism for power management ICs. If the voltage across the **FR1P-R100-BT** exceeds a threshold, the system can shut down to prevent damage. ### C. Low Temperature Coefficient (TCR) These parts are designed to maintain their resistance value even as they heat up, ensuring measurement accuracy across different temperatures. --- ## 4. Typical Applications * **Battery Management Systems (BMS):** Monitoring charge/discharge cycles in Li-ion packs. * **DC-DC Converters:** Providing feedback for voltage regulation. * **Motor Control:** Detecting stall currents or load variations. * **Power Supplies:** Implementing current limiting features.
    ✨ Follow-up Questions
    • ⤷ What is the physical package size (e.g.
    • ⤷ 1206
    • ⤷ 2512) for this specific part?
    • ⤷ How do I calculate the power dissipation for this resistor in a 2A circuit?
    • ⤷ What are the common alternatives to the FR1P series for high-precision sensing?