FRS-55-R
AI

The **FRS-55-R** is an addressable photoelectric smoke detector manufactured by **Hochiki**. It is specifically designed to be part of an intelligent fire alarm system, communicating with a central control panel to report smoke levels and status.
---
### ## Technical Specifications
Below are the primary electronic and operational characteristics of the FRS-55-R:
| Feature | Specification |
| :--- | :--- |
| **Operating Voltage** | 17.0 - 41.0 VDC |
| **Current Consumption (Standby)** | 390 $\mu$A (Typical) |
| **Current Consumption (Alarm)** | 8 mA (Maximum) |
| **Transmission Method** | DCP (Digital Communication Protocol) |
| **Detection Method** | Photoelectric (Light Scattering) |
| **Operating Temperature** | 32°F (0°C) to 115°F (46°C) |
| **Relative Humidity** | 95% RH Non-Condensing |
---
### ### Key Electronic Components & Functions
1. **Photoelectric Sensing Chamber:**
* **Infrared LED:** Emits a beam of light into a dark chamber.
* **Photodiode:** Positioned at an angle to the LED. Under normal conditions, no light reaches the photodiode. When smoke particles enter, light scatters and hits the sensor, triggering the alarm signal.
2. **Addressing Circuitry:**
* The device does not use mechanical DIP switches for addressing. Instead, the address is stored electronically in **EEPROM**.
* It uses a handheld programmer (like the DPU) to assign a unique address (1-127) to each unit.
3. **Digital Communication Protocol (DCP):**
* The "brains" of the unit utilize Hochiki’s DCP, which allows for high-speed, noise-immune communication with the fire alarm control panel.
* This allows the panel to perform "drift compensation," automatically adjusting the sensitivity as the sensor gets dirty over time.
4. **LED Indicators:**
* **Blinking Green:** Indicates the device is polling correctly and communicating with the panel.
* **Steady Red:** Indicates the device has reached its alarm threshold.
---
### ### Installation & Wiring Logic
The FRS-55-R is typically installed on a compatible base (such as the YBN-NSA-4). The wiring follows a Signaling Line Circuit (SLC) loop:
```mermaid
graph LR
A[Control Panel] -- SLC + / - --> B(Detector 1)
B -- SLC + / - --> C(Detector 2)
C -- SLC + / - --> D(Detector 3 / End of Line)
```
**Wiring Notes:**
* The SLC loop provides both **power** and **data** to the sensor.
* Polarity must be observed for the device to function correctly within the digital loop.
---
- ⤷
How do I program the address of an FRS-55-R without DIP switches?
- ⤷ What is the difference between the FRS-55-R and standard ionization detectors?
- ⤷ Which Hochiki control panels are compatible with the DCP protocol?