FRS-R-1
AI

### Overview of the FRS-R-1 Fuse
The **FRS-R-1** is a high-performance, industrial-grade fuse manufactured primarily by **Bussmann (Eaton)**. It belongs to the **Fusetron™** series and is classified as a Class RK5 fuse. This specific part is designed for circuit protection in systems where high motor loads or inductive surges are present.
---
### Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Model Number** | FRS-R-1 |
| **Amperage Rating** | 1 Amp |
| **Voltage Rating (AC)** | 600 Vac |
| **Voltage Rating (DC)** | 300 Vdc |
| **Interrupting Rating** | 200,000A RMS Symmetrical (AC) / 20,000A (DC) |
| **Class** | RK5 |
| **Fuse Type** | Dual-Element, Time-Delay |
| **Physical Size** | 0.81" Diameter x 5.00" Length (Standard 600V RK5 dimensions) |
---
### Key Electronic Components and Features
#### 1. Dual-Element Design
Unlike standard "fast-acting" fuses, the FRS-R-1 contains two distinct elements:
* **Thermal Element:** Handles low-level overloads (1.35x to 2x the rating). It provides a "time-delay" that allows temporary surges—such as motor startups—to pass without blowing the fuse.
* **Short-Circuit Element:** A high-speed notched copper link that reacts instantly to massive current spikes (short circuits), protecting sensitive equipment from catastrophic failure.
#### 2. Current Limitation
As a Class RK5 fuse, the FRS-R-1 is "current-limiting." This means it can clear a fault so quickly that the peak current never reaches its full destructive potential, significantly reducing the **thermal energy (I²t)** and magnetic force exerted on downstream components.
#### 3. Rejection Feature
The "R" in FRS-R denotes the **Rejection** feature. The fuse has a specific physical notch in one of the end caps. When used with an R-series fuse block, it prevents the accidental installation of lower-rated fuses (like Class H) that lack the same interrupting capacity.
---
### Common Applications
* **Motor Protection:** Ideally suited for 600V motor circuits where small 1-amp protection is required for control power transformers or small motors.
* **Solenoids and Transformers:** Protects against sustained overloads while ignoring the initial inrush current.
* **Branch Circuit Protection:** Used in industrial panels to protect specific legs of a power distribution system.
---
- ⤷
What is the difference between an RK5 and an RK1 fuse?
- ⤷How do I test if an FRS-R-1 fuse is blown using a multimeter?
- ⤷Can an FRS-R-1 be used in a 250V circuit safely?