FRS-R-14
AI

## Detailed Overview of FRS-R-14 Fuse
The **FRS-R-14** is a high-performance industrial fuse belonging to the Fusetron™ series, manufactured primarily by **Eaton (Bussmann Division)**. It is a Class RK5, dual-element, time-delay fuse designed to provide superior protection for electrical circuits.
---
### 1. Key Technical Specifications
The following table summarizes the core electrical and physical characteristics of the FRS-R-14:
| Feature | Specification |
| :--- | :--- |
| **Amperage Rating** | 14 Amps |
| **Voltage Rating (AC)** | 600 Vac |
| **Voltage Rating (DC)** | 300 Vdc |
| **Interrupting Rating (AC)** | 200,000 Amps RMS Symmetrical |
| **Interrupting Rating (DC)** | 20,000 Amps |
| **Class** | RK5 |
| **Type** | Dual-Element, Time-Delay |
| **Body Material** | Fiber Tube |
---
### 2. Functional Components and Design
The FRS-R-14 is not a simple wire-link fuse; its "Dual-Element" design provides two distinct levels of protection:
1. **Thermal Element:** Handles low-level overloads. It utilizes a spring-loaded mechanism that triggers when a specific temperature is reached, allowing the fuse to ignore temporary surges (like motor startups).
2. **Magnetic Element (Short-Circuit Section):** Provides instantaneous response to high-level short circuits. This part "blows" immediately to prevent catastrophic equipment damage or fires.
3. **Rejection Feature:** The "R" in the part number indicates a rejection tip. This physical design prevents the installation of fuses with lower voltage or interrupting ratings into the same fuse holder, ensuring safety compliance.
---
### 3. Common Applications
Due to its time-delay characteristics, the FRS-R-14 is ideal for inductive loads where high inrush currents are expected:
* **Motor Branch Circuits:** Protects motors without nuisance blowing during start-up.
* **Transformers:** Handles the initial magnetizing inrush current.
* **Solenoids:** Manages the temporary current spikes when energized.
* **General Purpose Circuits:** Used in industrial control panels and HVAC systems.
---
### 4. Cross-Reference and Equivalents
If the Bussmann FRS-R-14 is unavailable, the following parts are electrically and physically equivalent:
* **Littelfuse:** FLSR014 / FLSR014.T
* **Mersen (Ferraz Shawmut):** TRS14R
---
- ⤷
What is the difference between Class RK1 and Class RK5 fuses?
- ⤷ How does the time-delay feature prevent 'nuisance blowing' in motors?
- ⤷ Can I use an FRS-R-14 in a 250V circuit?