Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • FRS-R-15

  • AI
    ## FRS-R-15: Fusetron Dual-Element, Time-Delay Fuse The **FRS-R-15** is a specific model of industrial-grade fuse manufactured by **Eaton (Bussmann Series)**. It belongs to the **Class RK5** family and is widely used for protecting electrical circuits, particularly those involving motors. --- ### 1. Technical Specifications The following table highlights the core electrical characteristics of the FRS-R-15: | Feature | Specification | | :--- | :--- | | **Current Rating** | 15 Amps | | **Voltage Rating (AC)** | 600 Vac | | **Voltage Rating (DC)** | 300 Vdc | | **Interrupting Rating** | 200,000 Amps RMS Symmetrical (AC) | | **Fuse Class** | Class RK5 | | **Response Time** | Time-Delay (Dual-Element) | | **Material** | Fiberglass tube with brass end caps | --- ### 2. Key Internal Components & Design The "Dual-Element" design makes this fuse more advanced than a standard "one-time" fuse. It consists of two distinct components: 1. **Thermal Cutout Element:** Designed to handle **overloads**. It operates on a spring-loaded mechanism that triggers if it detects a consistent, low-level overcurrent (like a motor working too hard). 2. **Instantaneous Magnetic Element:** Designed to handle **short circuits**. This part reacts almost instantly to massive surges of electricity to prevent fires or equipment destruction. --- ### 3. Practical Applications The FRS-R-15 is primarily used in the following scenarios: * **Motor Protection:** Because motors have a "high inrush current" (they pull a lot of power just to start), a normal fuse would blow immediately. The 10-second minimum time-delay at 500% load allows the motor to start without blowing the fuse. * **Transformer Protection:** Protects against the primary side magnetizing inrush currents. * **Branch Circuit Protection:** Used in power distribution panels to protect individual downstream circuits. --- ### 4. Why use Class RK5 (FRS-R)? The "R" in the name stands for **Rejection**. These fuses have a specific groove in the end cap that works with a "rejection-style" fuse holder. This prevents a user from accidentally installing a lower-rated fuse (like a Class H or K) into a slot that requires the high interrupting capacity of an RK5. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between Class RK1 and Class RK5 fuses?
    • ⤷ How do you test if an FRS-R-15 fuse is blown using a multimeter?
    • ⤷ Can an FRS-R-15 be used in a 240V circuit?