FRS-R-15100
AI

The **FRS-R-15** and **FRS-R-100** are part of the **Fusetron™** series of dual-element, time-delay fuses manufactured by Bussmann (Eaton). These are industrial-grade fuses designed primarily for motor circuits and inductive loads.
---
## Technical Specifications
The "15" and "100" in the part numbers represent the **Ampere Rating**. Below is a comparison of their shared and individual characteristics:
| Feature | FRS-R-15 | FRS-R-100 |
|:---|:---|:---|
| **Voltage Rating (AC)** | 600 Vac | 600 Vac |
| **Voltage Rating (DC)** | 300 Vdc | 300 Vdc |
| **Amperage** | 15 Amps | 100 Amps |
| **Interrupting Rating** | 200kA RMS Sym. | 200kA RMS Sym. |
| **Fuse Class** | Class RK5 | Class RK5 |
| **Type** | Dual-Element, Time-Delay | Dual-Element, Time-Delay |
---
## Key Features & Construction
### 1. Dual-Element Design
Unlike a standard fast-acting fuse, these contain two distinct components:
* **Thermal Cutout:** Handles long-term overloads (e.g., a motor that is slightly overworked). It allows the fuse to "wait" through temporary surges.
* **Short-Circuit Element:** A high-speed link that opens instantly if a massive surge (short circuit) occurs to prevent catastrophic equipment damage.
### 2. Time-Delay Functionality
These fuses are engineered to ignore "inrush currents." When a large motor starts, it can pull 5-6 times its normal operating current for a few seconds. The FRS-R series will not blow during this brief period, preventing "nuisance blowing."
### 3. Rejection Feature (The "-R")
The "R" in the suffix indicates it is a **Rejection Style** fuse.
* The ferrule or blade has a specific notch/groove.
* This prevents a user from accidentally installing a lower-rated fuse (like a Class H or K) into a Class R fuse holder, ensuring the safety integrity of the system remains high.
---
## Common Applications
* **Motor Protection:** Sized to provide backup overcurrent protection for motors.
* **Transformer Protection:** Handles the magnetizing inrush current of power transformers.
* **General Feeder Circuits:** Used in industrial panels where high-capacity "short circuit" protection (200,000 Amps) is required.
---
## Comparison of Physical Size
Because of the difference in amperage, the physical dimensions vary significantly:
* **FRS-R-15:** Typically uses a cylindrical cartridge with "ferrule" ends.
* **FRS-R-100:** Uses a larger "knife-blade" terminal structure to handle the 100A heat and current flow.
- ⤷
What is the difference between Class RK1 and Class RK5 fuses?
- ⤷ How do I calculate the correct fuse size for a 3-phase motor?
- ⤷ Can I use an FRS-R fuse in a DC solar application?