FRS-R-21/2
AI

The **FRS-R-2-1/2** is a specialized industrial fuse belonging to the Fusetron™ series manufactured by Bussmann (Eaton). It is designed for high-performance protection in electrical circuits.
### 1. Technical Specifications
Below are the primary technical parameters for the FRS-R-2-1/2:
| Feature | Specification |
| :--- | :--- |
| **Current Rating** | 2.5 Amps (2-1/2 A) |
| **Voltage Rating (AC)** | 600 Vac |
| **Voltage Rating (DC)** | 300 Vdc |
| **Interrupting Rating** | 200,000A RMS Symmetrical (AC) / 20,000A (DC) |
| **Fuse Class** | Class RK5 |
| **Type** | Dual-Element, Time-Delay |
| **Body Material** | Fiberglass tube with brass end caps |
---
### 2. Key Electronic Characteristics
#### A. Dual-Element Design
Unlike a standard fast-acting fuse, this component contains two distinct elements:
1. **Thermal Element:** Handles low-level overloads. It has a specific time-lag feature that allows temporary surges (like motor starting currents) to pass without blowing the fuse.
2. **Instantaneous Element:** A notched copper link designed to clear short-circuits (high-magnitude faults) almost instantly.
#### B. Time-Delay Feature
The "Time-Delay" characteristic is critical for inductive loads. It provides a minimum of **10 seconds delay at 500% of the rated current**. This prevents "nuisance blowing" caused by the inrush current of motors or transformers.
#### C. Current Limitation
As a Class RK5 fuse, it is "current-limiting." This means it can react so quickly during a massive short circuit that it prevents the current from reaching its full peak magnitude, thereby protecting sensitive downstream components from magnetic and thermal stress.
---
### 3. Physical Dimensions (Class R)
The "R" in the part number denotes its rejection capability. It features a unique groove in the end cap or a specific notch that prevents it from being replaced by a lower-rated, non-current-limiting fuse (like a Class H fuse).
* **Diameter:** Approximately 0.81 inches (20.6 mm)
* **Length:** Approximately 5.00 inches (127 mm)
---
### 4. Common Applications
* **Motor Branch Circuits:** Used as primary protection for small motors where high startup torque is required.
* **Transformer Protection:** Protecting the primary side of control power transformers.
* **Panelboards:** General-purpose protection for industrial machinery and HVAC systems.
- ⤷
What is the difference between an RK1 and an RK5 fuse like the FRS-R?
- ⤷ Can this fuse be used in a 240V circuit even though it is rated for 600V?
- ⤷ How does the rejection feature physically prevent incorrect fuse installation?