FRT-01-R
AI

The **FRT-01-R** is an electronic component categorized as a **Surface Mount Device (SMD) Tactile Switch**, specifically designed by manufacturers like CIT Electronics or similar specialty switch providers. It is widely used in compact consumer electronics for user-interface inputs.
---
### 1. Technical Specifications
The following table summarizes the primary electrical and mechanical characteristics of the FRT-01-R:
| Parameter | Specification |
| :--- | :--- |
| **Switch Type** | Tactile (Momentary) |
| **Mounting Type** | Surface Mount (SMT) / Right Angle |
| **Contact Rating** | 50mA @ 12V DC |
| **Contact Resistance** | 100 mΩ Max |
| **Insulation Resistance** | 100 MΩ Min @ 100V DC |
| **Operating Force** | 160gf ± 50gf (Standard) |
| **Actuator Style** | Side-actuated (Right Angle) |
| **Life Cycle** | ~50,000 to 100,000 cycles |
---
### 2. Key Electronic Features
#### A. Right-Angle Configuration
The "R" in the suffix typically denotes a **Right-Angle** orientation. This means the actuator is pressed horizontally relative to the PCB. This is critical for devices where the button must protrude from the side of a casing (e.g., volume buttons on a smartphone or power buttons on a tablet).
#### B. Momentary Action
This is a "normally open" (NO) switch. The electrical circuit is only completed while the button is physically held down. Once released, the internal spring mechanism (usually a stainless steel dome) breaks the connection.
#### C. Tactile Feedback
The internal metal dome provides a distinct "click" sensation and sound. This informs the user that the switch has successfully actuated without needing to look at the device.
---
### 3. Construction and Materials
The component is built to withstand standard reflow soldering temperatures:
1. **Base:** High-temperature thermoplastic (usually LCP or Nylon).
2. **Contacts:** Silver-plated copper alloy for high conductivity and oxidation resistance.
3. **Actuator:** Plastic stem that transfers physical force to the internal dome.
4. **Cover:** Nickel-silver or stainless steel plate to protect internal parts.
---
### 4. Common Applications
Due to its small footprint and side-actuation, the FRT-01-R is found in:
* **Wearables:** Smartwatches and fitness trackers.
* **Portable Audio:** MP3 players and Bluetooth headphones.
* **Medical Devices:** Handheld diagnostic tools.
* **Consumer Tech:** Digital cameras and remote controls.
- ⤷
What are the PCB footprint dimensions for the FRT-01-R?
- ⤷ How does the 'R' version differ from the standard FRT-01?
- ⤷ What is the recommended reflow soldering profile for this switch?