AI

The **FRT-30-R/Q** refers to a specific series of high-precision **Thin Film Chip Resistors** (often associated with manufacturers like Viking Tech or similar high-reliability electronic component suppliers). These components are designed for applications requiring stability, low noise, and high accuracy.
---
### 1. Technical Specifications
The "R/Q" suffix typically denotes the tolerance and Temperature Coefficient of Resistance (TCR) ratings.
| Parameter | Typical Value / Range |
| :--- | :--- |
| **Resistance Range** | 10Ω – 1MΩ (varies by series) |
| **Tolerance** | ±0.01% to ±0.1% (Ultra-precision) |
| **TCR (Temp. Coefficient)** | ±2ppm/°C to ±50ppm/°C |
| **Power Rating** | 1/16W to 1/2W (Size dependent) |
| **Operating Temp** | -55°C to +155°C |
| **Construction** | Thin Film (NiCr) on Ceramic Substrate |
---
### 2. Key Features
* **High Precision:** The thin film technology allows for extremely tight tolerances (down to 0.01%), making it far more accurate than standard thick film resistors.
* **Stability:** Excellent stability under high-temperature and high-humidity conditions (Sulfur resistant options are often available).
* **Low Noise:** Thin film construction results in very low current noise and low inductance, ideal for high-frequency or sensitive analog circuits.
* **Reliability:** Typically AEC-Q200 compliant (if specified), meaning they are tested for automotive-grade durability.
---
### 3. Part Number Breakdown (Typical)
While naming conventions can vary slightly between manufacturers, the FRT series generally follows this logic:
1. **FRT:** Series Name (Precision Thin Film Chip Resistor).
2. **30:** Package Size (Often relates to wattage or physical dimensions like 0603 or 1206).
3. **R / Q:**
* **R:** Often represents a specific TCR value (e.g., ±25ppm/°C).
* **Q:** Often represents a specific Tolerance (e.g., ±0.02% or ±0.05%).
---
### 4. Common Applications
Due to their high accuracy, these parts are used in:
* **Medical Equipment:** Monitoring devices and diagnostic tools.
* **Instrumentation:** Multimeters, scales, and precision sensors.
* **Telecommunications:** Base stations and high-speed networking gear.
* **Automotive:** Engine Control Units (ECUs) and battery management systems.
---
### 5. Mounting & Handling
```cpp
// Design Considerations for Thin Film Resistors
1. Solder Profile: Use lead-free reflow soldering (standard SAC305).
2. ESD Sensitivity: Handle with care to avoid static discharge.
3. PCB Layout: Keep traces short to maintain high-precision impedance.
```
- ⤷
What are the exact physical dimensions for the '30' size code?
- ⤷ How does thin film technology differ from thick film in terms of performance?
- ⤷ What is the specific TCR value for the 'R' rating in this series?